Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMY210 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # CMY210
Description  Ultra-Linear Mixer with Integrated LO Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CMY210 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  CMY210_15 Datasheet HTML 1Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 2Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 3Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 4Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 5Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 6Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 7Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 8Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CMY 210 Datasheet
________________________________________________________________________________________________________
For additional information and latest specifications, see our website: www.triquint.com
5
Revision E, September 12, 2006
Applications Information (cont)
PCB-Layout for 800MHz test and application circuit:
8.2nH
8.2nH
6.8nH
33pF
33pF
15nH
CMY210
3.3pF
3.9pF
Actual size
Typical lumped element values for different RF-frequencies:
f RF
L1
C1
L2
C2
MHz
nH
pF
nH
pF
400
12
15
12
12
450
12
12
12
10
900
8.2
3.9
8.2
3.3
1500
3.3
2.7
3.3
2.2
1800
3.3
2.2
3.3
1.8
2000
3.3
1.8
3.3
1.2
2400
1.8
2.7
1.8
1.5
Typical lumped element values for different LO-frequencies:
f LO
L3
C3
L4
C4
MHz
nH
pF
nH
pF
500
15
82
47
82
750
6.8
33
22
33
800
6.8
33
18
33
950
6.8
27
15
27
1100
6.8
27
12
27
1400
6.8
22
6.8
22
1600
6.8
18
4.7
18
1800
6.8
15
3.3
15
2000
6.8
12
2.2
12
2100
6.8
12
1.8
12
2300
4.7
12
1.2
12


Similar Part No. - CMY210_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CMY210 INFINEON-CMY210 Datasheet
156Kb / 10P
   GaAs Components
2001-01-01
More results

Similar Description - CMY210_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4151 PSEMI-PE4151 Datasheet
815Kb / 15P
   Low Frequency Passive Mixer with Integrated LO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com