Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1-G Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AM1-G
Description  High Dynamic Range Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AM1-G Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AM1-G_15 Datasheet HTML 1Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 2Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 3Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 4Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 5Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AM1
High Dynamic Range Gain Block
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
 Phone +1-503-615-9000  FAX: +1-503-615-8900  e-mail: info-sales@tqs.com  Web site: www.TriQuint.com
Page 1 of 6
May 2012
Product Features
60 – 3000 MHz
14 dB Gain
2.4 dB Noise Figure
+39 dBm OIP3
Single +3.3 or +4.5 Supply
Internally matched to 50 
Lead-free/Green/RoHS-compliant
SOT-89 Package
MTTF > 1000 years
Applications
Mobile Infrastructure
CATV / DBS
W-LAN / ISM
RFID
Defense / Homeland Security
Fixed Wireless
Product Description
The AM1 is a general-purpose gain block that offers
good dynamic range and low noise figure in a low-cost
surface-mount package.
The combination of near-
constant OIP3 and low noise figure performance over
frequency makes it attractive for both narrowband and
broadband applications. The device combines dependable
performance with superb quality to maintain MTTF
values exceeding 1000 years at mounting temperatures of
+85 C and is available in the environmentally-friendly
lead-free/green/RoHS-compliant SOT-89 package.
The AM1 uses a high reliability GaAs MMIC technology
and only requires DC-blocking and bypass capacitors,
and an inductive RF choke for operation.
Internal
matching provides a 50 ohm input / output impedance
minimizing the number of required external components.
The broadband MMIC amplifier is well suited for various
current and next generation wireless technologies such as
GPRS, GSM, CDMA, and W-CDMA. In addition, the
AM1 will work for other applications within the 60 to
3000 MHz frequency range such as fixed wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
Function
Pin No.
Input / Base
1
Output / Collector
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
60
3000
Test Frequency
MHz
800
Gain
dB
13
14
16
Input Return Loss
(5)
dB
8.5
Output Return Loss
dB
20
Output P1dB
dBm
+18
Output IP3
(2)
dBm
+36
+39
Noise Figure
(3)
dB
2.4
Operating Current Range
mA
55
78
100
Supply Voltage
V
4.5
1. Test conditions unless otherwise noted: T = 25 ºC, 50  system.
2. OIP3 measured with two tones at an output power of +2 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Noise figure can be optimized by matching the input for optimal return loss.
4. Parameters reflect performance in an AM1-PCB application circuit, as shown on page 4.
5. Input return loss can be dramatically improved (<-20 dB) for narrowband applications as shown on
page 5 of this datasheet.
Absolute Maximum Rating
Parameter
Rating
Storage Temperature
-55 to +150 C
DC Voltage
+5.5 V
RF Input Power (continuous)
+7 dBm
Junction Temperature
+160 C
Thermal Resistance, Rth
88 C / W
Junction Temperature for >10
6 hours MTTF
Operation of this device above any of these parameters may cause permanent
damage.
Typical Performance
(4)
Parameter
Units
Typical
Frequency
MHz
900
1900
900
1900
S21
dB
14
12.8
14
12.5
S11
(5)
dB
-10
-9
-10
-9
S22
dB
-27
-22
-28
-19
Output P1dB
dBm
+18
+18
+16
+16
Output IP3
dBm
+39
+39
+38
+38
Noise Figure
dB
2.4
2.6
2.3
2.6
Supply Voltage
V
+4.5
+3.3
Device Current
mA
78
75
Ordering Information
Part No.
Description
AM1-G
High Dynamic Range Gain Block
(lead-free/green/RoHS-compliant SOT-89 Pkg)
Standard T/R size = 1000 pieces on a 7” reel.
Not Recommended for
New Designs
Recommended Replacement
Part: TQP3M9028


Similar Part No. - AM1-G_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AM1-G WJCI-AM1-G Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
More results

Similar Description - AM1-G_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG102 WJCI-AG102 Datasheet
399Kb / 6P
   High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
   High Dynamic Range Gain Block
AG103 WJCI-AG103 Datasheet
167Kb / 5P
   High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
   High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
   High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
   High Dynamic Range Gain Block
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
   High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
   High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
   High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com