Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH323-G Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # AH323-G
Description  2W High Linearity 5V 2-Stage Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH323-G Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button AH323-G_15 Datasheet HTML 3Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 4Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 5Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 6Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 7Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 8Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 9Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 10Page - TriQuint Semiconductor AH323-G_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AH323
2W High Linearity 5V 2-Stage Amplifier
Datasheet: Rev G 06-22-14
- 7 of 17 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Reference Design 1800-1900 MHz
Notes:
1. See PC Board Layout, page 15 for more information.
2. Vcc1 is connected to Vcc2_bias J3 turret via inner layer line.
3. The primary RF microstrip characteristic line impedance is 50 Ω.
4. Components shown on the silkscreen but not on the schematic are not used.
5. The edge of C2 is placed at 128 mils from the U1 device package (12.5° @ 1850 MHz).
6. The edge of C3 is placed at 70 mils from the edge of U1 device package (7° @ 1850 MHz).
7. The edge of C13 is placed at 110 mils from the edge of U1 device package (10.7° @ 1850 MHz).
8. Zero ohm jumpers may be replaced with copper traces in the target application layout.
9. The locations of C6 and C15 are non-critical. They can be placed closer to the device. C6 can be replaced by 0 ohm jumper.
10. Ferrite Bead FB1 eliminates bias line resonances between C10 and the parasitic inductance of C11. Steward MI0603K300R-10.
11. All components are of 0603 size unless stated otherwise.
Typical Performance 1800-1900 MHz
Test conditions unless otherwise noted:
VCC = VPD = +5V, Temp= +25°C, ICQ=700 mA (typ.)
Parameter
Conditions
Units
Frequency
1800
1850
1900
MHz
Gain
28.6
28.8
28.6
dB
Input Return Loss
13
17.6
20.5
dB
Output Return Loss
10.5
13
14.4
dB
Output P1dB
+33.2
+33.3
+33.1
dBm
OIP3
Pout = +24 dBm/tone, ∆f = 1 MHz
+49
+50
+49
dBm
WCDMA Channel Power [1]
ACLR = -50 dBc
+23.7
+23.9
+23.9
dBm
Notes:
1. ACLR Test set-up: 3GPP WCDMA, TM1+64 DPCH, +5MHz offset, PAR = 9.6 dB @ 0.01% Prob.
See Notes for Matching
Component Locations.


Similar Part No. - AH323-G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3231Q DIODES-AH3231Q Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3231Q-P-A DIODES-AH3231Q-P-A Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3231Q-P-B DIODES-AH3231Q-P-B Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3231Q-W-7 DIODES-AH3231Q-W-7 Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3232Q DIODES-AH3232Q Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
More results

Similar Description - AH323-G_15

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332_18 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104 TRIQUINT-TQP7M9104_15 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
TQP7M9104 TRIQUINT-TQP7M9104 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
logo
BeRex Corporation
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
   0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com