Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH315-G Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # AH315-G
Description  3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH315-G Datasheet(HTML) 2 Page - TriQuint Semiconductor

  AH315-G Datasheet HTML 1Page - TriQuint Semiconductor AH315-G Datasheet HTML 2Page - TriQuint Semiconductor AH315-G Datasheet HTML 3Page - TriQuint Semiconductor AH315-G Datasheet HTML 4Page - TriQuint Semiconductor AH315-G Datasheet HTML 5Page - TriQuint Semiconductor AH315-G Datasheet HTML 6Page - TriQuint Semiconductor AH315-G Datasheet HTML 7Page - TriQuint Semiconductor AH315-G Datasheet HTML 8Page - TriQuint Semiconductor AH315-G Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH315
3.3 – 3.8 GHz WiMAX 2W Driver Amplifier
Data Sheet: Rev A 09/02/10
- 2 of 9 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-55 to +125 o C
RF Input Power, CW, 50Ω,T = 25ºC +19 dBm
Device Voltage, Vcc, Vbias
+8 V
Collector Current, Icc (Icc1 + Icc2)
1600 mA
Iref 1
100 mA
Iref 2
50 mA
Device Power
8 W
Thermal Resistance RTH
14.4 o C/W
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vcc
+4.75
+5
+6
V
Icc @ 24 dBm
700
mA
TJ (for >10
6 hours MTTF)
+200
oC
Operating Temp. Range
-40
+85
oC
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC, +5V Vsupply, 3.4 – 3.6 GHz, in tuned application circuit.
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
3.3
3.8
GHz
Test Frequency
3.5
GHz
Power Gain
25
dB
Input Return Loss
-15.2
dB
Output Return Loss
-11.3
dB
EVM
See Note 1.
2.3
2.5
%
Efficiency
8
%
Output P1dB
+33
dBm
Noise Figure
7.3
dB
Device Voltage, Vcc
+5
V
Iref 1
27
mA
Iref 2
10
mA
Quiescent Current, Icq
See Note 2.
600
mA
Notes:
1.
Using an 802.16-2004 OFDMA, 64QAM-1/2, 1024-FFT, 20 symbols, 30 subchannels.
2.
This corresponds to the quiescent current or operating current under small-signal conditions with bias resistor R1=70
Ω off pin 1 and
R2=150
Ω off pin 16.


Similar Part No. - AH315-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH315-PCB WJCI-AH315-PCB Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
More results

Similar Description - AH315-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
ANADIGICS, Inc
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com