Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD16901 Datasheet(PDF) 5 Page - NEC

Part No. UPD16901
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPD16901 Datasheet(HTML) 5 Page - NEC

  UPD16901 Datasheet HTML 1Page - NEC UPD16901 Datasheet HTML 2Page - NEC UPD16901 Datasheet HTML 3Page - NEC UPD16901 Datasheet HTML 4Page - NEC UPD16901 Datasheet HTML 5Page - NEC UPD16901 Datasheet HTML 6Page - NEC UPD16901 Datasheet HTML 7Page - NEC UPD16901 Datasheet HTML 8Page - NEC UPD16901 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
µPD16901
STANDARD CHARACTERISTIC CURVES
PT - TA characteristic
Ambient temperature TA (˚C)
fOSC -VIN characteristic
Input voltage VIN (V)
ICC (ON) - VIN characteristic
Input voltage VIN (V)
fOSC - TA characteristic
Ambient temperature TA (˚C)
VDET - TA characteristic
Ambient temperature TA (˚C)
VDETT - TA characteristic
Ambient temperature TA (˚C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–20
0
20
40
60
80
100
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.5
4.0
4.5
5.0
6.0
6.5
5.5
TA = 85 ˚C
TA = 0 ˚C
TA = 25 ˚C
85 ˚C
139 ˚C/W
340
330
320
310
300
290
280
270
–20
0
20
40
60
80
100
180
175
170
165
160
155
3.5
4.0
4.5
5.0
6.0
6.5
5.5
1.12
1.1
1.08
1.06
1.04
1.02
1.0
0.98
–20
0
20
40
60
80
100
180
175
170
165
160
155
150
145
–20
0
20
40
60
80
100
VIN = 5 V
VIN = 5 V
VIN = 5 V
TA = 25 ˚C
When mounted on
90 mm
× 90 mm × 1.6 mm
glass epoxy board
0.9 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn