Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-5464LUYT1C Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5464LUYT1C
Description  Yellow transparent led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5464LUYT1C Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5464LUYT1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5464LUYT1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5464LUYT1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5464LUYT1C Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5464LUYT1C Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model. No.
FYL-5463LUYT1C
Rev.
A
Http://www.foryard.com
Absolute maximum ratings(Ta=25
с)
Parameter
MAX.
Unit
Power Dissipation
75
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
Continuous Forward Current
30
mA
Derating Linear From 50
0.4
mA/
Reverse Voltage
5
V
Operating Temperature Range
-40
to +85
Storage Temperature Range
-40
to +100
Lead Soldering Temperature[4mm(.157”) From Body]
260
for 5 Seconds
Electrical and optical characteristics(Ta=25
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
--
2000
--
mcd
IF=20mA
Viewing Angle
1/2
X
--
75
--
Deg
Y
30
Peak Emission Wavelength
λp
--
591
--
nm
Dominant Wavelength
λd
585
590
595
nm
Spectral Line Half-Width
λ
--
20
--
nm
Forward Voltage
VF
1.7
2.0
2.5
V
Reverse Current
IR
10
µA
VR=5V


Similar Part No. - FYL-5464LUYT1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5464UWC1B FORYARD-FYL-5464UWC1B Datasheet
150Kb / 3P
   LED LAMP
FYL-5464UWC1C FORYARD-FYL-5464UWC1C Datasheet
145Kb / 3P
   LED LAMP
FYL-5464UWC1C FORYARD-FYL-5464UWC1C_15 Datasheet
275Kb / 5P
   Water clear led
FYL-5464UWC1E FORYARD-FYL-5464UWC1E Datasheet
276Kb / 5P
   Water clear led
More results

Similar Description - FYL-5464LUYT1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5023YT1A FORYARD-FYL-5023YT1A Datasheet
272Kb / 5P
   Yellow transparent
logo
LUMEX INC.
SSL-LX203CSYT LUMEX-SSL-LX203CSYT Datasheet
273Kb / 1P
   T-2 CREAMIC STEM LED, 590nm YELLOW LED, YELLOW TRANSPARENT LENS
logo
Marktech Corporate
LC503MYL1-06Q MARKTECH-LC503MYL1-06Q Datasheet
58Kb / 3P
   Yellow 6 5mm LED lamp with water transparent lens
LC503MYL1-15Q MARKTECH-LC503MYL1-15Q Datasheet
66Kb / 3P
   Yellow 15 5mm LED lamp with water transparent lens
LC503MYL1-45Q MARKTECH-LC503MYL1-45Q Datasheet
66Kb / 3P
   Yellow 45 5mm LED lamp with water transparent lens
LC512MYL1-25Q MARKTECH-LC512MYL1-25Q Datasheet
66Kb / 3P
   Yellow 25 5mm LED lamp with water transparent lens.
LC503MYL1-30Q MARKTECH-LC503MYL1-30Q Datasheet
67Kb / 3P
   Yellow 30 5mm LED lamp with water transparent lens
logo
LUMEX INC.
CCL-LX45YT LUMEX-CCL-LX45YT Datasheet
169Kb / 1P
   CERAMIC CHIP, SURFACE, MOUNT LED, YELLOW TRANSPARENT, TAPE AND REEL
logo
Ningbo Foryard Optoelec...
FYL-5463LUAT1C FORYARD-FYL-5463LUAT1C Datasheet
269Kb / 5P
   Amber transparent led
FYL-5463PGT1C FORYARD-FYL-5463PGT1C Datasheet
276Kb / 5P
   Green transparent led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com