Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGBC30M-S Datasheet(PDF) 6 Page - International Rectifier

Part # IRGBC30M-S
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC30M-S Datasheet(HTML) 6 Page - International Rectifier

  IRGBC30M-S Datasheet HTML 1Page - International Rectifier IRGBC30M-S Datasheet HTML 2Page - International Rectifier IRGBC30M-S Datasheet HTML 3Page - International Rectifier IRGBC30M-S Datasheet HTML 4Page - International Rectifier IRGBC30M-S Datasheet HTML 5Page - International Rectifier IRGBC30M-S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C-346
IRGBC30M-S
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0
2
4
6
8
10
12
0
10
20
30
40
C
I , Collector-to-Emitter Current (A)
A
R
= 23
T
= 150°C
V
= 480V
V
= 15V
G
C
CC
GE
1
10
100
1
10
100
1000
CE
SAFE OPERATING AREA
V
= 20V
T
= 125°C
GE
J
V
, Collector-to-Emitter Voltage (V)
A
Refer to Section D for the following:
Appendix C: Section D - page D-5
Fig. 13a - Clamped Inductive Load Test Circuit
Fig. 13b - Pulsed Collector Current Test Circuit
Fig. 14a - Switching Loss Test Circuit
Fig. 14b - Switching Loss Waveform
Package Outline 2 - SMD-220
Section D - page D-12
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGBC30M-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC30M IRF-IRGBC30M Datasheet
237Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGBC30M IRF-IRGBC30M Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRGBC30MD2 IRF-IRGBC30MD2 Datasheet
416Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGBC30MD2 IRF-IRGBC30MD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRGBC30MD2-S IRF-IRGBC30MD2-S Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=16A)
More results

Similar Description - IRGBC30M-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC30M IRF-IRGPC30M Datasheet
250Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGBC30M IRF-IRGBC30M Datasheet
237Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGBC40U IRF-IRGBC40U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
IRGPC30S IRF-IRGPC30S Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGPC40M IRF-IRGPC40M Datasheet
91Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
IRGBC40K IRF-IRGBC40K Datasheet
237Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=25A)
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com