Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC107RPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC107RPEL
Description  Dual J-K Flip-Flops (with Clear)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC107RPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74HC107RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74HC107
Rev.2.00, Oct 06, 2005 page 4 of 7
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
100
125
4.5
20
3
25
Setup time
tsu
6.0
17
21
ns
J or K to Clock
2.0
5
5
4.5
5
–2
5
Hold time
th
6.0
5
5
ns
Clock to J or K
2.0
100
125
4.5
20
0
25
Removal time
trem
6.0
17
21
ns
Clear to Clock
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
J
VCC
Zout = 50
Input
K
Zout = 50
Input
CL = 50 pF
Output
CL = 50 pF
Output
Q
Q
Note: C includes the probe and jig capacitance.
L
Pulse generator
Pulse generator
Clock
Clear


Similar Part No. - HD74HC107RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC107RPEL RENESAS-HD74HC107RPEL Datasheet
106Kb / 8P
   Dual J-K Flip-Flops (with Clear)
More results

Similar Description - HD74HC107RPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
   Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
   Dual J-K Flip-Flops (with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
   Dual J-K Flip-Flops with Clear
logo
Texas Instruments
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
   Dual J-K Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS73A RENESAS-HD74LS73A Datasheet
93Kb / 7P
   Dual J-K Flip-Flops (with Clear)
HD74HC73 RENESAS-HD74HC73 Datasheet
107Kb / 8P
   Dual J-K Flip-Flops (with Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com