Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S17147EJ2V0DS00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # S17147EJ2V0DS00
Description  7400 PIXELS CCD LINEAR IMAGE SENSOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S17147EJ2V0DS00 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button S17147EJ2V0DS00_15 Datasheet HTML 3Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 4Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 5Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 6Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 7Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 8Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 9Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 10Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet S17147EJ2V0DS
5
µ PD8670A
ELECTRICAL CHARACTERISTICS
TA = +25
°C, VOD = 12 V, fφ R = 1 MHz, data rate = 2 MHz, storage time = 10 ms, input signal clock = 5 Vp-p,
light source : 3200 K halogen lamp + C-500S (infrared cut filter, t = 1 mm) + HA-50 (heat absorbing filter, t = 3 mm)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturation voltage
Vsat
1.5
2.0
V
Saturation exposure
SE
Daylight color fluorescent lamp
0.10
lx
•s
Photo response non-uniformity
PRNU
VOUT = 500 mV
5.0
10.0
%
Average dark signal
ADS
Light shielding
1.0
6.0
mV
Dark signal non-uniformity
DSNU
Light shielding
16.0
28.0
mV
Power consumption
PW
350
420
mW
Output impedance
ZO
0.2
0.3
k
Response
RF
Daylight color fluorescent lamp
13.6
17.0
20.4
V/lx
•s
Image lag
IL
VOUT = 500 mV
0.5
1.0
%
Offset level
Note 1
VOS
3.7
4.7
5.7
V
Output fall delay time
Note 2
td
VOUT = 500 mV
11.0
13.0
15.0
ns
Total transfer efficiency
TTE
VOUT = 1 V, data rate = 44 MHz
94
98
%
Register imbalance
RI
VOUT = 500 mV
0
1.0
4.0
%
Response peak
550
nm
DR1
Vsat/DSNU
125
times
Dynamic range
DR2
Vsat/
σ bit, t6 ≥ 20 ns
1000
times
Reset feed-through noise
Note 1
PRFTN
Light shielding, t4 = 5 ns
+0.4
V
RFTN1
−1.0
−0.4
+0.2
V
RFTN2
−0.3
+0.2
+0.7
V
Random noise
σ bit
Light shielding,
t6 = 5 ns
2.6
mV
bit clamp mode
t6
≥ 20 ns
2.0
mV
σ line
Light shielding,
t6
≥ 5 ns
8.0
mV
line clamp mode
Shot noise
σ shot
VOUT = 500 mV,
t6
≥ 5 ns
10.0
mV
bit clamp mode
Notes 1. Refer to 13 and 14 of DEFINITION OF CHARACTERISTIC ITEMS.
2. When the fall time of
φ 2L (t2’) is the TYP. value (refer to TIMING CHART 5, 6). Note that VOUT1 and VOUT2 are
the outputs of the two steps of emitter-follower shown in APPLICATION CIRCUIT EXAMPLE.


Similar Part No. - S17147EJ2V0DS00_15

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
S17100G FARADAY-S17100G Datasheet
77Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
Seiko Instruments Inc
S1711 SII-S1711 Datasheet
517Kb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
logo
Harwin Plc
S1711-06 HARWIN-S1711-06 Datasheet
78Kb / 1P
   SMT RFI SHIELD CLIP (LOOSE)
S1711-46 HARWIN-S1711-46 Datasheet
78Kb / 1P
   SMT RFI SHIELD CLIP (LOOSE)
S1711-46R HARWIN-S1711-46R Datasheet
104Kb / 1P
   SMT RFI SHIELD CLIP IN TAPE AND REEL
More results

Similar Description - S17147EJ2V0DS00_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
S13158EJ4V0DS00 RENESAS-S13158EJ4V0DS00_15 Datasheet
291Kb / 22P
   5150 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com