Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S13158EJ4V0DS00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # S13158EJ4V0DS00
Description  5150 PIXELS CCD LINEAR IMAGE SENSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S13158EJ4V0DS00 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button S13158EJ4V0DS00_15 Datasheet HTML 3Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 4Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 5Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 6Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 7Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 8Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 9Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 10Page - Renesas Technology Corp S13158EJ4V0DS00_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet S13158EJ4V0DS
5
µ PD3737
ABSOLUTE MAXIMUM RATINGS (TA =
+25°C)
Parameter
Symbol
Ratings
Unit
Output drain voltage
VOD
−0.3 to +15
V
Shift register clock voltage
Vφ 1, Vφ 2
−0.3 to +8
V
Last stage shift register clock voltage
Vφ 1L, Vφ 2L
−0.3 to +8
V
Reset signal voltage
Vφ R
−0.3 to +8
V
Transfer gate clock voltage
Vφ TG
−0.3 to +8
V
Operating ambient temperature
Note
TA
0 to
+60
°C
Storage temperature
Tstg
−40 to +70
°C
Note
Use at the condition without dew condensation.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS (TA =
+25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output drain voltage
VOD
11.4
12.0
12.6
V
Shift register clock high level
Vφ 1_H, Vφ 2_H
4.5
5.0
5.5
V
Shift register clock low level
Vφ 1_L, Vφ 2_L
−0.3
0
+0.5
V
Last stage shift register clock high level
Vφ 1LH, Vφ 2LH
4.5
5.0
5.5
V
Last stage shift register clock low level
Vφ 1LL, Vφ 2LL
−0.3
0
+0.5
V
Reset signal
φR high level
Vφ RH
4.5
5.0
5.5
V
Reset signal
φR low level
Vφ RL
−0.3
0
+0.5
V
Transfer gate clock high level
Vφ TGH
4.5
Vφ 1_H
Note
Vφ 1_H
Note
V
Transfer gate clock low level
Vφ TGL
−0.3
0
+0.5
V
Shift register clock amplitude
Vφ 1_pp, Vφ 2_pp
4.5
5.0
5.8
V
Last stage shift register clock amplitude
Vφ 1L_pp, Vφ 2L_pp
4.5
5.0
5.8
V
Reset signal amplitude
Vφ R_pp
4.5
5.0
5.8
V
Transfer gate clock amplitude
Vφ TG_pp
4.5
5.0
5.8
V
Data rate
fφ R
0.5
1
20
MHz
Note
When Transfer gate clock high level (Vφ TGH) is higher than Shift register clock high level (Vφ 1_H), Image lag
can increase.
Remarks1.
Input reset signal
φ R to pin 32 via capacitor (1000 pF ±20%, non polarity). Concerning the
connection method refer to APPLICATION CIRCUIT EXAMPLE.
2.
Operating conditions of reset signal
φ R is not the condition at device pins but the conditions of the
signal which applied to capacitor.


Similar Part No. - S13158EJ4V0DS00_15

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
More results

Similar Description - S13158EJ4V0DS00_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3737 NEC-UPD3737 Datasheet
193Kb / 16P
   5150-BIT CCD LINEAR IMAGE SENSOR
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com