Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSE4N60 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSE4N60
Description  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSE4N60 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSE4N60_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSE4N60_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSE4N60_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSE4N60_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSE4N60_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSE4N60_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Elektronische Bauelemente
SSE4N60
4.1A, 600 V, RDS(ON) 2.5 Ω
N-Channel Enhancement Mode Power MOSFET
02-May-2013 Rev. A
Page 2 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Drain-Source On-Resistance
RDS(ON)
-
2.0
2.5
VGS=10V, ID=2.05A
Drain-Sounce Breakdown Voltage
BVDSS
600
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
10
µA
VDS=600V, VGS=0
Gate-Body Leakage Current, Forward
IGSSF
-
-
100
nA
VGS =30V, VDS=0
Gate-Body Leakage Current, Reverse
IGSSR
-
-
-100
nA
VGS= -30V, VDS=0
Dynamic
Total Gate Charge
1.2
Qg
-
19
-
Gate-Source Charge
1.2
Qgs
-
2.9
-
Gate-Drain Charge
1.2
Qgd
-
8.2
-
nC
VDS=480V,ID =4.1A,
VGS=10V
Turn-on Delay Time
1.2
Td(on)
-
25
-
Rise Time
1.2
Tr
-
54
-
Turn-off Delay Time
1.2
Td(off)
-
120
-
Fall Time
1.2
Tf
-
34
-
nS
VDD=300V,
ID=4.1A,
RG=25
Input Capacitance
Ciss
-
570
-
Output Capacitance
Coss
-
64
-
Reverse Transfer Capacitance
Crss
-
14
-
pF
VDS=25V,
VGS=0,
f=1.0MHz
Maximum Continuous Drain-Source
Diode Forward Current
IS
-
-
4.1
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-
-
16.4
A
Drain-Source Diode Forward Voltage
VSD
-
-
1.4
V
VGS=0, IS=4A
Reverse Recovery Time
1
Trr
-
560
-
nS
Reverse Recovery Charge
1
Qrr
-
1.78
-
µC
VGS=0, IS=4.1A,
dIF / dt = 100A / µs
Notes:
1.
Pulse Test: Pulse width < 300us, Duty cycle ≤ 2%.
2.
Basically not affected by working temperature.


Similar Part No. - SSE4N60_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSE4N60 SECOS-SSE4N60 Datasheet
726Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSE4N60 VBSEMI-SSE4N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SSE4N60_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com