Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC373FPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC373FPEL
Description  Octal D-type Transparent Latches (with 3-state outputs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC373FPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC373FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 10Page - Renesas Technology Corp HD74HC373FPEL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74HC373, HD74HC533
REJ03D0619-0300 Rev.3.00 Mar 25, 2009
Page 5 of 9
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Unit
Test Conditions
2.0
150
190
4.5
18
30
38
tPLH
tPHL
6.0
26
33
ns
G to Q
2.0
125
155
4.5
16
25
31
Propagation delay
time
tPLH
tPHL
6.0
21
26
ns
D to Q
2.0
150
190
4.5
12
30
38
tZL
6.0
26
33
ns
2.0
150
190
4.5
15
30
38
Output enable
time
tZH
6.0
26
33
ns
2.0
150
190
4.5
13
30
38
tLZ
6.0
26
33
ns
2.0
150
190
4.5
16
30
38
Output disable
time
tHZ
6.0
26
33
ns
2.0
100
125
4.5
20
1
25
Setup time
tsu
6.0
17
21
ns
2.0
50
65
4.5
10
1
13
Hold time
th
6.0
9
11
ns
2.0
80
100
4.5
16
6
20
Pulse width
tw
6.0
14
17
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH
tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
C =
50 pF
OC
Zout = 50
1 k
VCC
VCC
VCC
S1
L
Pulse Generator
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
Enable G
Zout = 50
Pulse Generator
Note : 1. CL includes probe and jig capacitance.
Input
Output
Input


Similar Part No. - HD74HC373FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373FPEL RENESAS-HD74HC373FPEL Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
More results

Similar Description - HD74HC373FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com