Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC240P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC240P
Description  Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC240P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC240P Datasheet HTML 1Page - Renesas Technology Corp HD74HC240P Datasheet HTML 2Page - Renesas Technology Corp HD74HC240P Datasheet HTML 3Page - Renesas Technology Corp HD74HC240P Datasheet HTML 4Page - Renesas Technology Corp HD74HC240P Datasheet HTML 5Page - Renesas Technology Corp HD74HC240P Datasheet HTML 6Page - Renesas Technology Corp HD74HC240P Datasheet HTML 7Page - Renesas Technology Corp HD74HC240P Datasheet HTML 8Page - Renesas Technology Corp HD74HC240P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC240
Rev.2.00 Jan 31, 2006 page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
VIN, VOUT
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±35
mA
VCC, GND current
ICC or IGND
±75
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –6 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –7.8 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 6 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 7.8 mA
Off-state output
current
IOZ
6.0
±0.5
±5.0
µA Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC240P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC240P RENESAS-HD74HC240P Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results

Similar Description - HD74HC240P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244 Datasheet
105Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT241 RENESAS-HD74HCT241 Datasheet
99Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com