Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC238RPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC238RPEL
Description  3-to-8-line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC238RPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC238RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC238RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 6
HD74HC238
3-to-8-line Decoder/Demultiplexer
REJ03D0593–0200
(Previous ADE-205-470)
Rev.2.00
Jan 31, 2006
Description
The HD74HC238 has 3 binary select inputs (A, B and C). If the device is enabled these inputs determine which one of
the eight normally high outputs will go low. Two active low and one active high enables (
G
1, G2A and G2B) are
provided to ease the cascading of decoders.
Features
• High Speed Operation: t
pd (Data to Y) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC238P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC238FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC238RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Enable
Select
Outputs
G1
G
2A
G
2B
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
H
X
X
X
L
L
L
L
L
L
L
L
X
H
X
X
X
X
L
L
L
L
L
L
L
L
L
X
X
X
X
X
L
L
L
L
L
L
L
L
H
L
L
L
L
L
H
L
L
L
L
L
L
L
H
L
L
L
L
H
L
H
L
L
L
L
L
L
H
L
L
L
H
L
L
L
H
L
L
L
L
L
H
L
L
L
H
H
L
L
L
H
L
L
L
L
H
L
L
H
L
L
L
L
L
L
H
L
L
L
H
L
L
H
L
H
L
L
L
L
L
H
L
L
H
L
L
H
H
L
L
L
L
L
L
L
H
L
H
L
L
H
H
H
L
L
L
L
L
L
L
H
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC238RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC238RPEL RENESAS-HD74HC238RPEL Datasheet
99Kb / 7P
   3-to-8-line Decoder/Demultiplexer
More results

Similar Description - HD74HC238RPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com