Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U60D20D Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # U60D20D
Description  60 Amperes Dual Doubler Ultra Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U60D20D Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U60D20D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U60D20D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS
Rating
Symbol
U60D20D
U60D40D
U60D60D
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
400
600
V
Average Rectified Forward Current (Rated VR)
Per Leg
Per Device
IF(AV)
30 @ TC = 150°C
60 @ TC = 150°C
A
Peak Rectified Forward Current, Per Leg
(Rated VR, Square Wave, 20 kHz, TC = 150°C)
IFRM
60 @ TC = 150°C
60 @ TC =145°C
A
Nonrepetitive Peak Surge Current (Surge applied at rated
load conditions, halfwave, single phase, 60 Hz) Per Leg
IFSM
600
A
Operating Junction and Storage Temperature
TJ, Tstg
− 65 to +175
°C
THERMAL CHARACTERISTICS (Per Diode Leg)
Maximum Thermal Resistance,
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
1.5
40
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 1)
(IF = 30 Amp, TC = 150°C)
(IF = 30 Amp, TC = 25°C)
VF
0.95
1.05
1.20
1.30
1.5
1.7
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 150°C)
(Rated DC Voltage, TJ = 25°C)
iR
5000
60
5000
60
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
35
50
ns
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)
TO-3P/TO-247AD
Unit: inch (mm)
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases: TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked on diode body
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 6.5 gram approximately
®
U60D20D thru U60D60D
Pb Free Plating Product
U60D20D thru U60D60D
60 Amperes Dual Doubler Ultra Fast Recovery Half Bridge Rectifiers
Pb
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "C"
Tandem Polarity
Case
Reverse Doubler
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05


Similar Part No. - U60D20D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U60D20D THINKISEMI-U60D20D Datasheet
449Kb / 3P
   60.0 Amperes Dual Doubler Polarity Ultra Fast Recovery Rectifiers
U60D20D THINKISEMI-U60D20D_V01 Datasheet
449Kb / 3P
   60.0 Amperes Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

Similar Description - U60D20D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR6020PD THINKISEMI-MUR6020PD Datasheet
210Kb / 2P
   60 Amperes Dual Doubler Ultra Fast Recovery Half Bridge Rectifiers
MUR6020PS THINKISEMI-MUR6020PS Datasheet
211Kb / 2P
   60 Amperes Dual Reverse Doubler Ultra Fast Recovery Half Bridge Rectifiers
U60D20S THINKISEMI-U60D20S Datasheet
213Kb / 2P
   60 Amperes Dual Reverse Doubler Ultra Fast Recovery Half Bridge Rectifiers
FMG21U THINKISEMI-FMG21U Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
FMX21U THINKISEMI-FMX21U Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
FML21U THINKISEMI-FML21U Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
FMU21U THINKISEMI-FMU21U Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Doubler Polarity Fast Recovery Half Bridge Rectifiers
YG902D2 THINKISEMI-YG902D2 Datasheet
665Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
F10P20FD THINKISEMI-F10P20FD Datasheet
667Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
C10P20FD THINKISEMI-C10P20FD Datasheet
693Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com