Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PH20KD Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PH20KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH20KD Datasheet(HTML) 5 Page - International Rectifier

  IRG4PH20KD Datasheet HTML 1Page - International Rectifier IRG4PH20KD Datasheet HTML 2Page - International Rectifier IRG4PH20KD Datasheet HTML 3Page - International Rectifier IRG4PH20KD Datasheet HTML 4Page - International Rectifier IRG4PH20KD Datasheet HTML 5Page - International Rectifier IRG4PH20KD Datasheet HTML 6Page - International Rectifier IRG4PH20KD Datasheet HTML 7Page - International Rectifier IRG4PH20KD Datasheet HTML 8Page - International Rectifier IRG4PH20KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRG4PH20KD
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
1
10
100
0
200
400
600
800
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres
0
5
10
15
20
25
30
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 11A
CC
C
0
10
20
30
40
50
0.80
0.85
0.90
0.95
R
, Gate Resistance (Ohm)
G
V
= 960V
V
= 15V
T
= 25
C
I
= 5.0A
CC
GE
J
C
°
RG , Gate Resistance ( Ω )
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.1
1
10
T , Junction Temperature ( C )
J
°
R
= 50Ohm
V
= 15V
V
= 960V
G
GE
CC
I =
A
10
C
I =
A
5
C
I =
A
2.5
C
800V
800V


Similar Part No. - IRG4PH20KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH20KDPBF IRF-IRG4PH20KDPBF Datasheet
1Mb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KDPBF IRF-IRG4PH20KDPBF Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KDPBF IRF-IRG4PH20KDPBF_15 Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PH20KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4BH20K-LPBF IRF-IRG4BH20K-LPBF Datasheet
298Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR ( VCES=1200V , VCE(on)typ.=3.17V , @VGE=15V.Ic=5.0A )
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC10KD IRF-IRG4BC10KD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A)
IRG4PSH71KD IRF-IRG4PSH71KD Datasheet
200Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH50UD IRF-IRG4PH50UD Datasheet
229Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PH30KD IRF-IRG4PH30KD Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com