Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PH20 Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PH20
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH20 Datasheet(HTML) 1 Page - International Rectifier

  IRG4PH20 Datasheet HTML 1Page - International Rectifier IRG4PH20 Datasheet HTML 2Page - International Rectifier IRG4PH20 Datasheet HTML 3Page - International Rectifier IRG4PH20 Datasheet HTML 4Page - International Rectifier IRG4PH20 Datasheet HTML 5Page - International Rectifier IRG4PH20 Datasheet HTML 6Page - International Rectifier IRG4PH20 Datasheet HTML 7Page - International Rectifier IRG4PH20 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VCES = 1200V
VCE(on) typ. = 3.17V
@VGE = 15V, IC = 5.0A
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
1200
V
IC @ TC = 25°C
Continuous Collector Current
11
IC @ TC = 100°C
Continuous Collector Current
5.0
A
ICM
Pulsed Collector Current

22
ILM
Clamped Inductive Load Current
‚
22
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
ƒ
130
mJ
PD @ TC = 25°C
Maximum Power Dissipation
60
W
PD @ TC = 100°C
Maximum Power Dissipation
24
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4PH20K
Short Circuit Rated
UltraFast IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD -91776
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.1
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
6 (0.21)
–––
g (oz)
Thermal Resistance
TO-247AC
E
C
G
n-channel
Features
Benefits
• High short circuit rating optimized for motor control,
tsc =10µs, VCC = 720V , TJ = 125°C,
VGE = 15V
• Combines low conduction losses with high
switching speed
• Latest generation design provides tighter parameter
distribution and higher efficiency than previous
generations
• As a Freewheeling Diode we recommend our
HEXFREDTM ultrafast, ultrasoft recovery diodes for
minimum EMI / Noise and switching losses in the
Diode and IGBT
• Latest generation 4 IGBT's offer highest power
density motor controls possible
www.irf.com
1
6/25/98


Similar Part No. - IRG4PH20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH20KD IRF-IRG4PH20KD Datasheet
276Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4PH20KDPBF IRF-IRG4PH20KDPBF Datasheet
1Mb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KDPBF IRF-IRG4PH20KDPBF Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KDPBF IRF-IRG4PH20KDPBF_15 Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KPBF IRF-IRG4PH20KPBF Datasheet
390Kb / 9P
   Short Circuit Rated UltraFast IGBT
More results

Similar Description - IRG4PH20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-LPBF IRF-IRG4BH20K-LPBF Datasheet
298Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR ( VCES=1200V , VCE(on)typ.=3.17V , @VGE=15V.Ic=5.0A )
IRG4PH20KD IRF-IRG4PH20KD Datasheet
276Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4RC10U IRF-IRG4RC10U Datasheet
131Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PH40U IRF-IRG4PH40U Datasheet
163Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4RC10K IRF-IRG4RC10K Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PH30K IRF-IRG4PH30K Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH50S IRF-IRG4PH50S Datasheet
130Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=1.47V, @Vge=15V, Ic=33A)
IRG4PH50U IRF-IRG4PH50U Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PSH71K IRF-IRG4PSH71K Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com