Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B136100 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. B136100
Description  Component Video with Stereo Audio over Cat5-Cat6 Extender, In-Line Remote Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

B136100 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Component Video with Stereo Audio over Cat5/Cat6
Extender, In-Line Remote Receiver
MODEL NUMBER: B136-100
Description
The B136-100 is a remote extender unit for the B136-004 4-Port Component Video + Stereo Audio Extender/Splitter. A 1080i (60Hz) Component Video and
Stereo Audio signal can be extended up to 300 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite N202-Series); or, up to 400 ft. when using Zero-Skew
UTP cable (Tripp Lite P524-01K). A 480p (60Hz) Component Video and Stereo Audio signal can be extended up to 500 ft. when using 24Awg, Solid Wire UTP
cable (Tripp Lite N202-Series); or, up to 700 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K). Plugs directly into the TV's Component Video and
Stereo Audio ports...no external power required.
Features
Remote extender unit for the B136-004 4-port Extender/Splitter
A 1080i (60Hz) Component Video and Stereo Audio signal can be extended up to 300 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite
N202-Series); or, up to 400 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K)
A 480p (60Hz) Component Video and Stereo Audio signal can be extended up to 500 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite
N202-Series); or, up to 700 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K)
Plugs directly into the TV's Component Video and Red/White Audio ports
No external power required
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Splitter
Highlights
Remote extender unit for the
B136-004 4-Port Extender/Splitter
Extends a 1080i (60Hz)
Component Video and Stereo
Audio signal up to 300 ft. when
using 24Awg, Solid Wire UTP
cable (Tripp Lite N202-Series);
or, up to 400 ft. when using
Zero-Skew UTP cable (Tripp Lite
P524-01K)
No external power required
Package Includes
B136-100 Component Video +
Stereo Audio Remote Extender
Unit
Owner's Manual
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn