Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2949-SMA Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2949-SMA
Description  1000 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2949-SMA Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2949-SMA Datasheet HTML 1Page - KR Electronics, Inc. 2949-SMA Datasheet HTML 2Page - KR Electronics, Inc. 2949-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2014, KR Electronics, Inc.
2949-SMA, Rev 0, October 24, 2014
KR Electronics 2949-SMA
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Notes
Filter type
Bandpass
Center Frequency Fc
1000 MHz
Insertion Loss at Fc
1.5 dBa max
0.75 dBa typical
3 dBc Bandwidth
500 MHz ±10%
20 dBc Bandwidth
850 MHz typical
40 dBc Bandwidth
1380 MHz typical
Source and Load
50
Notes:
1. Dimensions in inches
2. Rectangular case
3. Also available in surface mount package 1” x 0.5” x 0.3” (see part number 2949)


Similar Part No. - 2949-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2949 KR-2949 Datasheet
52Kb / 2P
   1000 MHz Bandpass
logo
Festo Corporation.
2949 FESTO-2949 Datasheet
94Kb / 2P
   Roller lever valve
4/8/22
logo
Heyco.
2949 HEYCO-2949 Datasheet
401Kb / 1P
   Wire Connectors
logo
ERNI Electronics
294919 ERNI-294919 Datasheet
62Kb / 1P
   M 1,27 SRC P, 10-polig BA1
294920 ERNI-294920 Datasheet
63Kb / 1P
   M 1,27 SRC P, 12-polig BA1
More results

Similar Description - 2949-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3306-1000-90 KR-3306-1000-90 Datasheet
73Kb / 3P
   1000 MHz Bandpass Filter
2949 KR-2949 Datasheet
52Kb / 2P
   1000 MHz Bandpass
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
855845 TRIQUINT-855845 Datasheet
53Kb / 1P
   85.380 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com