Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV3216R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1LV3216R
Description  32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV3216R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1LV3216R_15 Datasheet HTML 4Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 5Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 6Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 7Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 8Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 9Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 10Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 11Page - Renesas Technology Corp R1LV3216R_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
R1LV3216R Series
REJ03C0367-0100, Rev.1.00, 2009.05.07
Page 8 of 16
Read Cycle
R1LV3216R**-5S
R1LV3216R**-7S
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
tACS1
-
55
-
70
ns
Chip select access time
tACS2
-
55
-
70
ns
Output enable to output valid
tOE
-
25
-
35
ns
Output hold from address change
tOH
10
-
10
-
ns
LB#, UB# access time
tBA
-
55
-
70
ns
tCLZ1
10
-
10
-
ns
2,3
Chip select to output in low-Z
tCLZ2
10
-
10
-
ns
2,3
LB#, UB# enable to low-Z
tBLZ
5
-
5
-
ns
2,3
Output enable to output in low-Z
tOLZ
5
-
5
-
ns
2,3
tCHZ1
0
20
0
25
ns
1,2,3
Chip deselect to output in high-Z
tCHZ2
0
20
0
25
ns
1,2,3
LB#, UB# disable to high-Z
tBHZ
0
20
0
25
ns
1,2,3
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1,2,3


Similar Part No. - R1LV3216R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV3216RSA RENESAS-R1LV3216RSA Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSA-5S RENESAS-R1LV3216RSA-5S Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSA-5SR RENESAS-R1LV3216RSA-5SR Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSA-7S RENESAS-R1LV3216RSA-7S Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSA-7SR RENESAS-R1LV3216RSA-7SR Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
More results

Similar Description - R1LV3216R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
   64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
R1WV6416R RENESAS-R1WV6416R Datasheet
202Kb / 18P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com