Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-55A3YD1A Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-55A3YD1A
Description  Yellow diffused led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-55A3YD1A Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-55A3YD1A_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3YD1A_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3YD1A_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3YD1A_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3YD1A_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model. No.
FYL-55A3YD1A
Rev.
A
Http://www.foryard.com
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
Model No.
Model No.
Model No.
Model No.
FYL
FYL
FYL
FYL----55A3
55A3
55A3
55A3YD1
YD1
YD1
YD1A
A
A
A
Descriptions:
■Dice material: GaP
■Emitting Color: Yellow
■Device Outline: 5*5mm square type.
■Lens Type: Yellow Diffused
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
NINGBO FORYARD OPTOELECTRONICS CO.,LTD.
Add:
NO.115 Qixin Road Ningbo Zhejiang China
Zip:
315051
Tel:
0086-574-87933652
87927870
87922206
Fax:
0086-574-87927917
E-mail:
Sales@foryard.com
General
Http://www.foryard.com


Similar Part No. - FYL-55A3YD1A_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-55A3YD1A FORYARD-FYL-55A3YD1A Datasheet
149Kb / 3P
   LED LAMP
More results

Similar Description - FYL-55A3YD1A_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5463PUYD1B FORYARD-FYL-5463PUYD1B Datasheet
270Kb / 5P
   Yellow diffused led
FYL-8013YD1B FORYARD-FYL-8013YD1B_15 Datasheet
271Kb / 5P
   Yellow Diffused led
FYL-10013YD1A FORYARD-FYL-10013YD1A Datasheet
271Kb / 5P
   Yellow Diffused led
FYL-25A3YD1B FORYARD-FYL-25A3YD1B Datasheet
268Kb / 5P
   Yellow diffused led
FYL-4064LUYD1E-S5 FORYARD-FYL-4064LUYD1E-S5 Datasheet
275Kb / 5P
   Yellow diffused led
FYL-5012YD1C FORYARD-FYL-5012YD1C_15 Datasheet
271Kb / 5P
   Yellow diffused led
FYL-5463LUYD1E FORYARD-FYL-5463LUYD1E Datasheet
274Kb / 5P
   Yellow diffused led
FYL-4354LUYD1A-S2 FORYARD-FYL-4354LUYD1A-S2 Datasheet
275Kb / 5P
   Yellow diffused led
FYL-25A3YD1A FORYARD-FYL-25A3YD1A Datasheet
268Kb / 5P
   Yellow diffused led
FYL-5013PUYD1C FORYARD-FYL-5013PUYD1C Datasheet
272Kb / 5P
   Yellow diffused led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com