Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-55A3SUYW1A Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-55A3SUYW1A
Description  White diffused led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-55A3SUYW1A Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-55A3SUYW1A Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3SUYW1A Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3SUYW1A Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3SUYW1A Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-55A3SUYW1A Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model. No.
FYL-55A3SUYW1A
Rev.
A
Http://www.foryard.com
Features
1.
Low power consumption.
2.
High efficiency.
3.
General purpose leads.
4.
High intensity.
5.
RoHs compliant.
Package configuration
Notes:
1. All dimensions are millimeters (inches)
2. Tolerance is ±0.25mm(.010”) unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.


Similar Part No. - FYL-55A3SUYW1A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-55A3SURW1A FORYARD-FYL-55A3SURW1A Datasheet
268Kb / 5P
   White diffused led
More results

Similar Description - FYL-55A3SUYW1A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5016EGW1C FORYARD-FYL-5016EGW1C_15 Datasheet
275Kb / 5P
   White diffused led
FYL-5019URUGW1C-CC FORYARD-FYL-5019URUGW1C-CC Datasheet
277Kb / 5P
   White diffused led
FYL-55A3UBW1A FORYARD-FYL-55A3UBW1A Datasheet
275Kb / 5P
   White diffused led
FYL-5463LURW1C FORYARD-FYL-5463LURW1C Datasheet
267Kb / 5P
   White diffused led
FYL-25A9URPGW1B-CA FORYARD-FYL-25A9URPGW1B-CA Datasheet
273Kb / 5P
   White diffused led
FYL-55A3SURW1A FORYARD-FYL-55A3SURW1A Datasheet
268Kb / 5P
   White diffused led
FYL-4354UWW1A-S2 FORYARD-FYL-4354UWW1A-S2 Datasheet
276Kb / 5P
   White diffused led
FYL-5019EGW1B-CC FORYARD-FYL-5019EGW1B-CC Datasheet
277Kb / 5P
   White diffused led
logo
LUMEX INC.
SSP-01TWB9W12 LUMEX-SSP-01TWB9W12 Datasheet
160Kb / 1P
   LED MINIATURE WEDGE BASE, WHITE, MILKY WHITE DIFFUSED
SSI-LX3054IGW-150 LUMEX-SSI-LX3054IGW-150 Datasheet
84Kb / 1P
   T-3mm LED, RED/GREEN LED, MILKY WHITE DIFFUSED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com