Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC40S Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC40S
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40S Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC40S Datasheet HTML 1Page - International Rectifier IRG4BC40S Datasheet HTML 2Page - International Rectifier IRG4BC40S Datasheet HTML 3Page - International Rectifier IRG4BC40S Datasheet HTML 4Page - International Rectifier IRG4BC40S Datasheet HTML 5Page - International Rectifier IRG4BC40S Datasheet HTML 6Page - International Rectifier IRG4BC40S Datasheet HTML 7Page - International Rectifier IRG4BC40S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4BC40S
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
0.1
1
1 0
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
1000
567
89
1 0
GE
T = 25°C
T = 150°C
J
J
V
, Gate-to-Emitter Voltage (V)
A
V
= 50V
5µs PULSE WIDTH
CC
0
10
20
30
40
50
60
70
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60 % of ra t e d
vo l ta g e
I
Ideal diodes
S qua re wave :
F o r both :
D u ty cycle : 5 0%
T
= 125 °C
T
= 9 0°C
G a te driv e as spec ifie d
sin k
J
T ria ng ula r w a ve :
I
C lam p vo l t age:
80 % o f ra t e d
P o w e r D is s ip a t ion = 28 W


Similar Part No. - IRG4BC40S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40S IRF-IRG4BC40S Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC40SD IRF-IRG4BC40SD Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC40SPBF IRF-IRG4BC40SPBF Datasheet
582Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4BC40SPBF IRF-IRG4BC40SPBF Datasheet
306Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40SPBF IRF-IRG4BC40SPBF_15 Datasheet
306Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC40S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC40S IRF-IRG4PC40S Datasheet
143Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
IRG4BC10S IRF-IRG4BC10S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A)
IRG4BC30SS IRF-IRG4BC30SS_04 Datasheet
204Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC30SS IRF-IRG4BC30SS Datasheet
152Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRGBC40S IRF-IRGBC40S Datasheet
249Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=31A)
IRGPC40S IRF-IRGPC40S Datasheet
251Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=31A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com