Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD30N03 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD30N03
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD30N03 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD30N03_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD30N03_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD30N03_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD30N03_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSD30N03-40D
N-Ch Enhancement Mode Power MOSFET
34A, 30V, RDS(ON) 26mΩ
Ω
Ω
Ω
Elektronische Bauelemente
12-Sep-2012 Rev.A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID =250 µA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS =0, VGS=20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=24V, VGS=0
-
-
25
VDS=24V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(on)
34
-
-
A
VDS =5V, VGS=10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
26
m
VGS=10V, ID=17A
-
-
35
VGS=4.5V, ID=11A
Forward Transconductance
1
gfs
-
22
-
S
VDS=15V, ID=17A
Diode Forward Voltage
VSD
-
1.1
-
V
IS=34A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
4
-
nC
VDS=15V
VGS=4.5V
ID=11A
Gate-Source Charge
Qgs
-
1.1
-
Gate-Drain Charge
Qgd
-
1.4
-
Input Capacitance
Ciss
-
720
-
pF
VDS=15V
VGS=0
f=1MHz
Output Capacitance
Coss
-
165
-
Reverse Transfer Capacitance
Crss
-
60
-
Turn-on Delay Time
Td(on)
-
16
-
nS
VDD=25V
ID=34A
VGEN=10V
RL=25
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
23
-
Fall Time
Tf
-
3
-
Notes
1.
Pulse test:Pulse width ≦ 300 µs, duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - SSD30N03_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD30N03-40D SECOS-SSD30N03-40D Datasheet
460Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSD30N03-40D VBSEMI-SSD30N03-40D Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD30N03J SECOS-SSD30N03J Datasheet
548Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD30N03_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com