Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC30 Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4BC30
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30 Datasheet(HTML) 2 Page - International Rectifier

  IRG4BC30 Datasheet HTML 1Page - International Rectifier IRG4BC30 Datasheet HTML 2Page - International Rectifier IRG4BC30 Datasheet HTML 3Page - International Rectifier IRG4BC30 Datasheet HTML 4Page - International Rectifier IRG4BC30 Datasheet HTML 5Page - International Rectifier IRG4BC30 Datasheet HTML 6Page - International Rectifier IRG4BC30 Datasheet HTML 7Page - International Rectifier IRG4BC30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRG4BC30K
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——
VVGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
T
18
——
VVGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage —
0.54
V/°CVGE = 0V, IC = 1.0mA
2.21
IC = 14A
2.21
2.7
IC = 16A
VGE = 15V
2.88
IC = 28A
See Fig.2, 5
2.36
IC = 16A , TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-12
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
U
5.4
8.1
SVCE = 100V, IC = 16A
——
250
VGE = 0V, VCE = 600V
ICES
Zero Gate Voltage Collector Current
——
2.0
µ A
VGE = 0V, VCE = 10V, TJ = 25°C
——
1100
VGE = 0V, VCE = 600V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
——
±100
n A
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
VCE(ON)
Collector-to-Emitter Saturation Voltage
Details of note
Q through U are on the last page
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
67
100
IC = 16A
Qge
Gate - Emitter Charge (turn-on)
11
16
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
25
37
VGE = 15V
td(on)
Turn-On Delay Time
26
tr
Rise Time
28
TJ = 25°C
td(off)
Turn-Off Delay Time
130
200
IC = 16A, VCC = 480V
tf
Fall Time
120
170
VGE = 15V, RG = 23Ω
Eon
Turn-On Switching Loss
0.36
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
0.51
mJ
See Fig. 9,10,14
Ets
Total Switching Loss
0.87
1.3
tsc
Short Circuit Withstand Time
10
——
µs
VCC = 400V, TJ = 125°C
VGE = 15V, RG = 23Ω , VCPK < 500V
td(on)
Turn-On Delay Time
25
TJ = 150°C,
tr
Rise Time
29
IC = 16A, VCC = 480V
td(off)
Turn-Off Delay Time
190
VGE = 15V, RG = 23Ω
tf
Fall Time
190
Energy losses include "tail"
Ets
Total Switching Loss
1.2
mJ
See Fig. 11,14
Eon
Turn-On Switching Loss
0.26
TJ = 25°C, VGE = 15V, RG = 23Ω
Eoff
Turn-Off Switching Loss
0.36
IC = 14A, VCC = 480V
Ets
Total Switching Loss
0.62
Energy losses include "tail"
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
920
VGE = 0V
Coes
Output Capacitance
110
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
27
—ƒ = 1.0MHz
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns


Similar Part No. - IRG4BC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30 IRF-IRG4BC30 Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4BC30 IRF-IRG4BC30 Datasheet
412Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4BC30F IRF-IRG4BC30F Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4BC30F IRF-IRG4BC30F Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC30F IRF-IRG4BC30F Datasheet
177Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30KS IRF-IRG4BC30KS_04 Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KS IRF-IRG4BC30KS Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC30K IRF-IRG4PC30K Datasheet
121Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KDS IRF-IRG4BC30KDS Datasheet
225Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KD IRF-IRG4BC30KD Datasheet
196Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com