Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD44164184B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD44164184B
Description  18M-BIT DDR II SRAM 4-WORD BURST OPERATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD44164184B Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD44164184B_15 Datasheet HTML 1Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 2Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 3Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 4Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 5Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 6Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 7Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 8Page - Renesas Technology Corp PD44164184B_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
μPD44164184B
R10DS0015EJ0200 Rev.2.00
Page 3 of 32
October 6, 2011
Pin Arrangement
165-pin PLASTIC BGA (13 x 15)
(Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
VSS/72M
A
R, W#
BW1#
K#
NC/144M
LD#
A
VSS/36M
CQ
B
NC
DQ9
NC
A
NC/288M
K
BW0#
A
NC
NC
DQ8
C
NC
NC
NC
VSS
A
A0
A1
VSS
NC
DQ7
NC
D
NC
NC
DQ10
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ11
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ6
F
NC
DQ12
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
NC
DQ13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
DLL#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQVDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ4
NC
K
NC
NC
DQ14
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ3
L
NC
DQ15
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
DQ1
NC
N
NC
NC
DQ16
VSS
A
A
A
VSS
NC
NC
NC
P
NC
NC
DQ17
A
A
C
A
A
NC
NC
DQ0
R
TDO
TCK
A
A
A
C#
A
A
A
TMS
TDI
A0, A1, A
: Address inputs
TMS
: IEEE 1149.1 Test input
DQ0 to DQ17
: Data inputs / outputs
TDI
: IEEE 1149.1 Test input
LD#
: Synchronous load
TCK
: IEEE 1149.1 Clock input
R, W#
: Read Write input
TDO
: IEEE 1149.1 Test output
BW0#, BW1#
: Byte Write data select
VREF
: HSTL input reference input
K, K#
: Input clock
VDD
: Power Supply
C, C#
: Output clock
VDDQ
: Power Supply
CQ, CQ#
: Echo clock
VSS
: Ground
ZQ
: Output impedance matching
NC
: No connection
DLL#
: PLL disable
NC/xxM
: Expansion address for xxMb
Remarks 1.
×××# indicates active LOW.
2.
Refer to Package Dimensions for the index mark.
3.
2A, 7A, 10A and 5B are expansion addresses
: 10A for 36Mb
: 10A and 2A for 72Mb
: 10A, 2A and 7A for 144Mb
: 10A, 2A, 7A and 5B for 288Mb
2A and 10A of this product can also be used as NC.


Similar Part No. - PD44164184B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
More results

Similar Description - PD44164184B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44164184B RENESAS-UPD44164184B Datasheet
499Kb / 33P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
October 6, 2011
UPD46184184B RENESAS-UPD46184184B Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
Nov 09, 2012
PD46184184B RENESAS-PD46184184B Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD46184184B RENESAS-PD46184184B_15 Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD46184182B RENESAS-PD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD44164182B RENESAS-UPD44164182B Datasheet
517Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
October 6, 2011
PD46185084B RENESAS-PD46185084B Datasheet
598Kb / 39P
   18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com