Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD44164182B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD44164182B
Description  18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD44164182B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD44164182B_15 Datasheet HTML 4Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 5Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 6Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 7Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 8Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 9Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 10Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 11Page - Renesas Technology Corp PD44164182B_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
μPD44164182B, μPD44164362B
R10DS0014EJ0200 Rev.2.00
Page 8 of 34
October 6, 2011
Power-On Sequence in DDR II SRAM
DDR II SRAMs must be powered up and initialized in a predefined manner to prevent undefined operations.
The following timing charts show the recommended power-on sequence.
The following power-up supply voltage application is recommended: VSS, VDD, VDDQ, VREF, then VIN. VDD and
VDDQ can be applied simultaneously, as long as VDDQ does not exceed VDD by more than 0.5 V during power-up.
The following power-down supply voltage removal sequence is recommended: VIN, VREF, VDDQ, VDD, VSS. VDD
and VDDQ can be removed simultaneously, as long as VDDQ does not exceed VDD by more than 0.5 V during
power-down.
Power-On Sequence
Apply power and tie DLL# to HIGH.
- Apply VDD before VDDQ.
- Apply VDDQ before VREF or at the same time as VREF.
Provide stable clock for more than 20
μs to lock the PLL.
PLL Constraints
The PLL uses K clock as its synchronizing input and the input should have low phase jitter which is specified as
TKC var. The PLL can cover 120 MHz as the lowest frequency. If the input clock is unstable and the PLL is
enabled, then the PLL may lock onto an undesired clock frequency.
Power-On Waveforms
DLL#
20
μs or more
Stable Clock
VDD/VDDQ Stable (< ±0.1 V DC per 50 ns)
Fix HIGH (or tied to VDDQ)
VDD/VDDQ
Clock
Unstable Clock
Normal Operation
Start


Similar Part No. - PD44164182B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD44164184B RENESAS-PD44164184B_15 Datasheet
511Kb / 33P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
More results

Similar Description - PD44164182B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD46184182B RENESAS-PD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD44164182B RENESAS-UPD44164182B Datasheet
517Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
October 6, 2011
UPD44164184B RENESAS-UPD44164184B Datasheet
499Kb / 33P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
October 6, 2011
UPD46184184B RENESAS-UPD46184184B Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
Nov 09, 2012
PD46184184B RENESAS-PD46184184B Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD46184184B RENESAS-PD46184184B_15 Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD44164184B RENESAS-PD44164184B_15 Datasheet
511Kb / 33P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com