Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20UD-S Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4BC20UD-S
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20UD-S Datasheet(HTML) 4 Page - International Rectifier

  IRG4BC20UD-S Datasheet HTML 1Page - International Rectifier IRG4BC20UD-S Datasheet HTML 2Page - International Rectifier IRG4BC20UD-S Datasheet HTML 3Page - International Rectifier IRG4BC20UD-S Datasheet HTML 4Page - International Rectifier IRG4BC20UD-S Datasheet HTML 5Page - International Rectifier IRG4BC20UD-S Datasheet HTML 6Page - International Rectifier IRG4BC20UD-S Datasheet HTML 7Page - International Rectifier IRG4BC20UD-S Datasheet HTML 8Page - International Rectifier IRG4BC20UD-S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRG4BC20UD-S
4
www.irf.com
Fig. 4 - Maximum Collector Current vs.
Case Temperature
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
1.0
1.4
1.8
2.2
2.6
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
V
= 1 5V
80µs PU LSE W ID TH
GE
A
T , J unc tion T e m p e rature (°C )
J
I
= 6 .5A
I
= 1 3A
I
= 3.3 A
C
C
C
0
2
4
6
8
10
12
14
25
50
75
100
125
150
T
, C ase Tem perature (°C)
C
V
= 15 V
GE
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , R ectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.0 2
0.0 5
0.10
0.20
S IN G LE P U LS E
(T HE RM A L RE S P O N S E )
P
t 2
1
t
DM
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
12
J
DM
th J C
C
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature


Similar Part No. - IRG4BC20UD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UD-S IRF-IRG4BC20UD-S Datasheet
256Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF Datasheet
301Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF Datasheet
365Kb / 11P
   ULTRA FAST COPACK IGBT
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF_15 Datasheet
365Kb / 11P
   ULTRA FAST COPACK IGBT
More results

Similar Description - IRG4BC20UD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UD IRF-IRG4BC20UD Datasheet
236Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20MDS IRF-IRG4BC20MDS Datasheet
200Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
IRG4BC20MD IRF-IRG4BC20MD Datasheet
251Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
IRG4PC20UPBF IRF-IRG4PC20UPBF Datasheet
693Kb / 8P
   UltraFast Speed 1GBT (VCES=600V , VCE(on)typ.=1.85V , @VGE=15V , Ic=6.5A )
IRG4BC20W IRF-IRG4BC20W Datasheet
130Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A)
IRG4BC20WS IRF-IRG4BC20WS Datasheet
152Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A)
IRGBC20UD2 IRF-IRGBC20UD2 Datasheet
427Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=6.5A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com