Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20SD-S Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4BC20SD-S
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20SD-S Datasheet(HTML) 2 Page - International Rectifier

  IRG4BC20SD-S Datasheet HTML 1Page - International Rectifier IRG4BC20SD-S Datasheet HTML 2Page - International Rectifier IRG4BC20SD-S Datasheet HTML 3Page - International Rectifier IRG4BC20SD-S Datasheet HTML 4Page - International Rectifier IRG4BC20SD-S Datasheet HTML 5Page - International Rectifier IRG4BC20SD-S Datasheet HTML 6Page - International Rectifier IRG4BC20SD-S Datasheet HTML 7Page - International Rectifier IRG4BC20SD-S Datasheet HTML 8Page - International Rectifier IRG4BC20SD-S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4BC20SD-S
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
27
40
IC = 10A
Qge
Gate - Emitter Charge (turn-on)
4.3
6.5
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
10
15
VGE = 15V
td(on)
Turn-On Delay Time
62
TJ = 25°C
tr
Rise Time
32
ns
IC = 10A, VCC = 480V
td(off)
Turn-Off Delay Time
690 1040
VGE = 15V, RG = 50W
tf
Fall Time
480
730
Energy losses include "tail" and
Eon
Turn-On Switching Loss
0.32
diode reverse recovery.
Eoff
Turn-Off Switching Loss
2.58
mJ
See Fig. 9, 10, 11,18
Ets
Total Switching Loss
2.90
4.5
td(on)
Turn-On Delay Time
64
TJ = 150°C,
See Fig. 10,11, 18
tr
Rise Time
35
ns
IC = 10A, VCC = 480V
td(off)
Turn-Off Delay Time
980
VGE = 15V, RG = 50W
tf
Fall Time
800
Energy losses include "tail" and
Ets
Total Switching Loss
4.33
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
550
VGE = 0V
Coes
Output Capacitance
39
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
7.1
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
37
55
ns
TJ = 25°C
See Fig.
—55
90
TJ = 125°C
14
IF = 8.0A
Irr
Diode Peak Reverse Recovery Current
3.5
5.0
A
TJ = 25°C
See Fig.
4.5
8.0
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
65
138
nC
TJ = 25°C
See Fig.
124
360
TJ = 125°C
16
di/dt = 200Aµs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
240
A/µs
TJ = 25°C
See Fig.
During tb
210
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltageƒ
600
V
VGE = 0V, IC = 250µA
D
V(BR)CES/DTJ Temperature Coeff. of Breakdown Voltage
0.75
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
1.40
1.6
IC = 10A
VGE = 15V
1.85
V
IC = 19A
See Fig. 2, 5
1.44
IC = 10A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
D
VGE(th)/DTJ
Temperature Coeff. of Threshold Voltage
-11
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance
„
2.0
5.8
S
VCE = 100V, IC = 10A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
1700
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.4
1.7
V
IC = 8.0A
See Fig. 13
1.3
1.6
IC = 8.0A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - IRG4BC20SD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20SD-SPBF IRF-IRG4BC20SD-SPBF Datasheet
512Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD
More results

Similar Description - IRG4BC20SD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20SD IRF-IRG4BC20SD Datasheet
287Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC20S IRF-IRG4BC20S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC30S IRF-IRG4BC30S Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4PC30S IRF-IRG4PC30S Datasheet
120Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com