Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP109N055PUK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP109N055PUK
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP109N055PUK Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP109N055PUK_15 Datasheet HTML 1Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 2Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 3Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 4Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 5Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 6Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 7Page - Renesas Technology Corp NP109N055PUK_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NP109N055PUK
R07DS0590EJ0100 Rev.1.00
Page 2 of 6
Dec 12, 2011
Electrical Characteristics (TA = 25°C)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
1
A
VDS = 55 V, VGS = 0 V
Gate Leakage Current
IGSS
100
nA
VGS = 20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
2.0
3.0
4.0
V
VDS = VGS, ID = 250 A
Forward Transfer Admittance
*1
| yfs |
50
100
S
VDS = 5 V, ID = 55 A
Drain to Source On-state Resistance
*1
RDS(on)
1.85
2.20
m
VGS = 10 V, ID = 55 A
Input Capacitance
Ciss
7500
11250
pF
Output Capacitance
Coss
770
1160
pF
Reverse Transfer Capacitance
Crss
270
490
pF
VDS = 25 V
VGS = 0 V
f = 1 MHz
Turn-on Delay Time
td(on)
30
70
ns
Rise Time
tr
14
40
ns
Turn-off Delay Time
td(off)
105
210
ns
Fall Time
tf
11
30
ns
VDD = 28 V, ID = 55 A
VGS = 10 V
RG = 0 
Total Gate Charge
QG
126
189
nC
Gate to Source Charge
QGS
32
nC
Gate to Drain Charge
QGD
31
nC
VDD = 44 V
VGS = 10 V
ID = 110 A
Body Diode Forward Voltage
*1
VF(S-D)
0.9
1.5
V
IF = 110 A, VGS = 0 V
Reverse Recovery Time
trr
62
ns
Reverse Recovery Charge
Qrr
135
nC
IF = 110 A, VGS = 0 V
di/dt = 100 A/
s
Note:
*1 Pulsed test
TEST CIRCUIT 3 GATE CHARGE
VGS = 20 → 0 V
PG.
RG = 25 Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
Duty Cycle
≤ 1%
τ = 1 μs
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
V
DS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - NP109N055PUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP109N055PUK-E1-AY RENESAS-NP109N055PUK-E1-AY Datasheet
109Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP109N055PUK-E1-AY RENESAS-NP109N055PUK-E1-AY Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP109N055PUK-E2-AY RENESAS-NP109N055PUK-E2-AY Datasheet
109Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP109N055PUK-E2-AY RENESAS-NP109N055PUK-E2-AY Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP109N055PUK RENESAS-NP109N055PUK_V01 Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
More results

Similar Description - NP109N055PUK_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com