Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-4012SURC1B Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-4012SURC1B
Description  4mm round type led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-4012SURC1B Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-4012SURC1B Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-4012SURC1B Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-4012SURC1B Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-4012SURC1B Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-4012SURC1B Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model. No.
FYL-4012SURC1B
Rev.
A
Http://www.foryard.com
FORYARD
O
P
T
O
E
L
E
C
T
R
O
N
I
C
S
LED
LED
LED
LED
PN:FYL-xxxxxxxx-xx
Qty:XXXXX
PCS
Date:xxxx/xx/xx
GW:
xx
KG
NW:
xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC:
QC
PASS
1
1
.
5
30
Part
NO:
FYL-XXXXXX
xxxx/xx/xx
Quantity:
XXXPCS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
VF:
XXX-XXX
WD:XXX-XXX
IV:XXXX-XXXX
FORYARD
O
P
T
O
E
L
E
C
T
R
O
N
I
C
S
www.foryard.com
39.0
RoHS
RoHS
RoHS
RoHS
OUTSIDE
LABEL
OUTSIDE
LABEL
LAMP PACKING


Similar Part No. - FYL-4012SURC1B

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-4012SUYC1B FORYARD-FYL-4012SUYC1B Datasheet
278Kb / 5P
   4mm round type led
More results

Similar Description - FYL-4012SURC1B

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-4012GD1B FORYARD-FYL-4012GD1B Datasheet
277Kb / 5P
   4mm round type led
FYL-4012YD1B FORYARD-FYL-4012YD1B Datasheet
276Kb / 5P
   4mm round type led
FYL-4012HD1B FORYARD-FYL-4012HD1B Datasheet
275Kb / 5P
   4mm round type led
FYL-4012SUYC1B FORYARD-FYL-4012SUYC1B Datasheet
278Kb / 5P
   4mm round type led
FYL-4012ED1B FORYARD-FYL-4012ED1B Datasheet
276Kb / 5P
   4mm round type led
logo
Lucky Light Electronic
GB-214 LUCKY-LIGHT-GB-214 Datasheet
41Kb / 1P
   Round Type LED Lamps (4mm)
logo
Ningbo Foryard Optoelec...
FYL-4012UGC1B FORYARD-FYL-4012UGC1B Datasheet
278Kb / 5P
   4mm round type
logo
OptoSupply Internationa...
OSR5RU4131A OPTOSUPPLY-OSR5RU4131A Datasheet
104Kb / 1P
   4mm Round Red LED
OSO5JA4131A OPTOSUPPLY-OSO5JA4131A Datasheet
104Kb / 1P
   4mm Round Orange LED
OSK5DA4131A OPTOSUPPLY-OSK5DA4131A Datasheet
99Kb / 1P
   4mm Round Pink LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com