Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FYL-3044PGC1C Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part No. FYL-3044PGC1C
Description  3mm cylinder type led
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Homepage  http://www.foryard.com
Logo 

FYL-3044PGC1C Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model. No.
FYL-3044PGC1C
Rev.
A
Http://www.foryard.com
Absolute maximum ratings(Ta=25
с)
Parameter
MAX.
Unit
Power Dissipation
90
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
Continuous Forward Current
25
mA
Derating Linear From 50
0.4
mA/
Reverse Voltage
5
V
Operating Temperature Range
-40
to +85
Storage Temperature Range
-40
to +100
Lead Soldering Temperature[4mm(.157”) From Body]
260
for 5 Seconds
Electrical and optical characteristics(Ta=25
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
--
2000
--
mcd
IF=20mA
Viewing Angle
1/2
--
70
--
Deg
Peak Emission Wavelength
λp
--
520
--
nm
Dominant Wavelength
λd
517
522
527
nm
Spectral Line Half-Width
λ
--
30
--
nm
Forward Voltage
VF
2.8
3.2
3.6
V
Reverse Current
IR
10
µA
VR=5V


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn