Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-3044PGC1C Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-3044PGC1C
Description  3mm cylinder type led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-3044PGC1C Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-3044PGC1C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044PGC1C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044PGC1C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044PGC1C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044PGC1C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model. No.
FYL-3044PGC1C
Rev.
A
Http://www.foryard.com
Features
1.
Low power consumption.
2.
High efficiency.
3.
General purpose leads.
4.
High intensity.
5.
RoHs compliant.
Package configuration
Notes:
1. All dimensions are millimeters (inches)
2. Tolerance is ±0.25mm(.010”) unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.


Similar Part No. - FYL-3044PGC1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3044PGC1C FORYARD-FYL-3044PGC1C Datasheet
151Kb / 3P
   LED LAMP
More results

Similar Description - FYL-3044PGC1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3044LUYC1C FORYARD-FYL-3044LUYC1C Datasheet
277Kb / 5P
   3mm cylinder type led
FYL-3044LUYC1P FORYARD-FYL-3044LUYC1P Datasheet
277Kb / 5P
   3mm cylinder type led
FYL-3044UBC1C FORYARD-FYL-3044UBC1C_15 Datasheet
284Kb / 5P
   3mm cylinder type led
FYL-3044PGC1P FORYARD-FYL-3044PGC1P Datasheet
285Kb / 5P
   3mm cylinder type led
FYL-3044UBC1P FORYARD-FYL-3044UBC1P Datasheet
285Kb / 5P
   3mm cylinder type led
FYL-3012GD1A FORYARD-FYL-3012GD1A Datasheet
281Kb / 6P
   3mm round type led
FYL-3014ED1G FORYARD-FYL-3014ED1G Datasheet
276Kb / 5P
   3mm round type led
FYL-3014SRD1A FORYARD-FYL-3014SRD1A_15 Datasheet
276Kb / 5P
   3mm round type led
FYL-3014SUYC1A FORYARD-FYL-3014SUYC1A Datasheet
278Kb / 5P
   3mm round type led
FYL-3019YGW1A-CC FORYARD-FYL-3019YGW1A-CC Datasheet
285Kb / 5P
   3mm round type led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com