Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FYL-3044PGC1C Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part No. FYL-3044PGC1C
Description  3mm cylinder type led
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Homepage  http://www.foryard.com
Logo 

FYL-3044PGC1C Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model. No.
FYL-3044PGC1C
Rev.
A
Http://www.foryard.com
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
Model No.
Model No.
Model No.
Model No.
FYL
FYL
FYL
FYL----3
3
3
30
0
0
04
4
4
44
4
4
4PG
PG
PG
PGC
C
C
C1
1
1
1C
C
C
C
Descriptions:
■Dice material: InGaN.
■Emitting Color: Super bright Pure Green.
■Device Outline: Φ3mm cylinder type.
■Lens Type: Water clear.
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
NINGBO FORYARD OPTOELECTRONICS CO.,LTD.
Add:
NO.115 Qixin Road Ningbo Zhejiang China
Zip:
315051
Tel:
0086-574-87933652
87927870
87922206
Fax:
0086-574-87927917
E-mail:
Sales@foryard.com
General
Http://www.foryard.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn