Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-3044LURC1C Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-3044LURC1C
Description  Super bright Red.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-3044LURC1C Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-3044LURC1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044LURC1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044LURC1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044LURC1C Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044LURC1C Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model. No.
FYL-3044LURC1C
Rev.
A
Http://www.foryard.com
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
Model No.
Model No.
Model No.
Model No.
FYL
FYL
FYL
FYL----3
3
3
30
0
0
044LURC1
44LURC1
44LURC1
44LURC1C
C
C
C
Descriptions:
■Dice material: AlGaInP.
■Emitting Color: Super bright Red.
■Device Outline: Φ3mm cylinder type.
■Lens Type: Water clear.
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
NINGBO FORYARD OPTOELECTRONICS CO.,LTD.
Add:
NO.115 Qixin Road Ningbo Zhejiang China
Zip:
315051
Tel:
0086-574-87933652
87927870
87922206
Fax:
0086-574-87927917
E-mail:
Sales@foryard.com
General
Http://www.foryard.com


Similar Part No. - FYL-3044LURC1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3044LURC1P FORYARD-FYL-3044LURC1P Datasheet
276Kb / 5P
   Super bright Red.
More results

Similar Description - FYL-3044LURC1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-48D2LURC1C FORYARD-FYL-48D2LURC1C Datasheet
270Kb / 5P
   Super bright Red.
FYL-48D2SURC1A FORYARD-FYL-48D2SURC1A Datasheet
271Kb / 5P
   Super bright Red
FYL-48D2LURC1A FORYARD-FYL-48D2LURC1A Datasheet
271Kb / 5P
   Super bright Red
FYL-3044LURC1P FORYARD-FYL-3044LURC1P Datasheet
276Kb / 5P
   Super bright Red.
logo
P-tec Corporation
PL16-WCR21 P-TEC-PL16-WCR21 Datasheet
30Kb / 1P
   5MM T1쩐 Super Bright Red LED
PL16-CDR21 P-TEC-PL16-CDR21 Datasheet
30Kb / 1P
   5MM T1쩐 Super Bright Red LED
logo
Siemens Semiconductor G...
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
Kingbright Corporation
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
   The Super Bright Red source color devices
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
P-tec Corporation
PL0012-WDR21 P-TEC-PL0012-WDR21 Datasheet
30Kb / 1P
   SMD LED Super Bright Red 0805 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com