Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4BC20KDS Datasheet(PDF) 7 Page - International Rectifier

Part No. IRG4BC20KDS
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20KDS Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4BC20KDS Datasheet HTML 2Page - International Rectifier IRG4BC20KDS Datasheet HTML 3Page - International Rectifier IRG4BC20KDS Datasheet HTML 4Page - International Rectifier IRG4BC20KDS Datasheet HTML 5Page - International Rectifier IRG4BC20KDS Datasheet HTML 6Page - International Rectifier IRG4BC20KDS Datasheet HTML 7Page - International Rectifier IRG4BC20KDS Datasheet HTML 8Page - International Rectifier IRG4BC20KDS Datasheet HTML 9Page - International Rectifier IRG4BC20KDS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRG4BC20KD-S
www.irf.com
7
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
100
200
300
400
500
100
1000
f
di /dt - (A/µs)
I = 16 A
I = 8 .0A
I = 4.0 A
F
F
F
V = 200 V
T = 1 2 5 °C
T = 2 5 °C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 16 A
I = 8.0 A
I = 4 .0A
F
F
F
V = 2 00V
T = 1 2 5 °C
T = 2 5 °C
R
J
J
0
20
40
60
80
100
100
1000
f
d i /d t - (A/µ s)
I = 16 A
I = 8 .0A
I = 4.0A
F
F
F
V = 200 V
T = 1 2 5 °C
T = 2 5 °C
R
J
J
1
10
100
100
1000
f
di /dt - (A/µs)
I = 1 6A
I = 8.0A
I = 4.0 A
F
F
F
V = 2 00V
T = 1 2 5 °C
T = 2 5 °C
R
J
J


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRG4PC40UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.72V @Vge=15V Ic=20A 1  2  3  4  5  More International Rectifier
IRG4BC20KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=2.27V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4BC20FD-S INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4BC20FD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4PC30UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.95V @Vge=15V Ic=12A 1  2  3  4  5  More International Rectifier
IRG4PC50UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.65V @Vge=15V Ic=27A 1  2  3  4  5  More International Rectifier
IRG4PSC71KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.83V @Vge=15V Ic=60A 1  2  3  4  5  More International Rectifier
IRG4IBC30KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
IRG4BC10KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.2.39V @Vge=15V Ic=5.0A 1  2  3  4  5  More International Rectifier
IRG4BC20SD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.4V @Vge=15V Ic=10A 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn