Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4BC20KDS Datasheet(PDF) 3 Page - International Rectifier

Part No. IRG4BC20KDS
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRG4BC20KDS Datasheet(HTML) 3 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRG4BC20KD-S
www.irf.com
3
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
f, Frequency (KHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
For both:
D uty cy cle: 50%
T = 12 5 °C
T
= 90 °C
G a te drive as specifie d
sin k
J
P ow e r Dis sip ation =
W
6 0% of rate d
volta ge
I
Ideal diodes
S qua re w a v e :
1.8
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE

V
= 15V
20µs PULSE WIDTH
GE

T = 25 C
J
o

T = 150 C
J
o
1
10
100
5
10
15
20
V
, Gate-to-Emitter Voltage (V)
GE

V
= 50V
5µs PULSE WIDTH
CC

T = 25 C
J
o

T = 150 C
J
o
55°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRG4PC40UDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.72V @Vge=15V Ic=20A 1 2 3 4 5 MoreInternational Rectifier
IRG4BC20KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=2.27V @Vge=15V Ic=9.0A 1 2 3 4 5 MoreInternational Rectifier
IRG4BC20FD-SINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1 2 3 4 5 MoreInternational Rectifier
IRG4BC20FDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1 2 3 4 5 MoreInternational Rectifier
IRG4PC30UDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.95V @Vge=15V Ic=12A 1 2 3 4 5 MoreInternational Rectifier
IRG4PC50UDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.65V @Vge=15V Ic=27A 1 2 3 4 5 MoreInternational Rectifier
IRG4PSC71KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.83V @Vge=15V Ic=60A 1 2 3 4 5 MoreInternational Rectifier
IRG4IBC30KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4BC10KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.2.39V @Vge=15V Ic=5.0A 1 2 3 4 5 MoreInternational Rectifier
IRG4BC20SDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.4V @Vge=15V Ic=10A 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn