Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4BC20KD Datasheet(PDF) 1 Page - International Rectifier

Part No. IRG4BC20KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20KD Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC20KD Datasheet HTML 1Page - International Rectifier IRG4BC20KD Datasheet HTML 2Page - International Rectifier IRG4BC20KD Datasheet HTML 3Page - International Rectifier IRG4BC20KD Datasheet HTML 4Page - International Rectifier IRG4BC20KD Datasheet HTML 5Page - International Rectifier IRG4BC20KD Datasheet HTML 6Page - International Rectifier IRG4BC20KD Datasheet HTML 7Page - International Rectifier IRG4BC20KD Datasheet HTML 8Page - International Rectifier IRG4BC20KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
16
IC @ TC = 100°C
Continuous Collector Current
9.0
ICM
Pulsed Collector Current
Q
32
A
ILM
Clamped Inductive Load Current
R
32
IF @ TC = 100°C
Diode Continuous Forward Current
7.0
IFM
Diode Maximum Forward Current
32
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
60
PD @ TC = 100°C
Maximum Power Dissipation
24
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
IRG4BC20KD
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
Features
Features
Features
Features
E
G
n-ch an nel
C
VCES = 600V
VCE(on) typ. = 2.27V
@VGE = 15V, IC = 9.0A
Short Circuit Rated
UltraFast IGBT
4/24/2000
• Short Circuit Rated UltraFast: Optimized for
high operating frequencies >5.0 kHz , and Short
Circuit Rated to 10µs @ 125°C, VGE = 15V
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
previous generation
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use in
bridge configurations
• Industry standard TO-220AB package
Benefits
PD -91599A
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
–––
2.1
RθJC
Junction-to-Case - Diode
–––
–––
3.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.50
–––
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
80
Wt
Weight
–––
2 (0.07)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
TO-220AB
• Latest generation 4 IGBTs offer highest power density
motor controls possible
• HEXFREDTM diodes optimized for performance with IGBTs.
Minimized recovery characteristics reduce noise, EMI and
switching losses
• This part replaces the IRGBC20KD2 and IRGBC20MD2
products
• For hints see design tip 97003
www.irf.com
1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRG4PC40UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.72V @Vge=15V Ic=20A 1  2  3  4  5  More International Rectifier
IRG4BC20KDS INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=2.27V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4BC20FD-S INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4BC20FD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4PC30UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.95V @Vge=15V Ic=12A 1  2  3  4  5  More International Rectifier
IRG4PC50UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.65V @Vge=15V Ic=27A 1  2  3  4  5  More International Rectifier
IRG4PSC71KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.83V @Vge=15V Ic=60A 1  2  3  4  5  More International Rectifier
IRG4IBC30KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
IRG4BC10KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.2.39V @Vge=15V Ic=5.0A 1  2  3  4  5  More International Rectifier
IRG4BC20SD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.4V @Vge=15V Ic=10A 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn