Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4BC20KD Datasheet(PDF) 4 Page - International Rectifier

Part No. IRG4BC20KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20KD Datasheet(HTML) 4 Page - International Rectifier

  IRG4BC20KD Datasheet HTML 1Page - International Rectifier IRG4BC20KD Datasheet HTML 2Page - International Rectifier IRG4BC20KD Datasheet HTML 3Page - International Rectifier IRG4BC20KD Datasheet HTML 4Page - International Rectifier IRG4BC20KD Datasheet HTML 5Page - International Rectifier IRG4BC20KD Datasheet HTML 6Page - International Rectifier IRG4BC20KD Datasheet HTML 7Page - International Rectifier IRG4BC20KD Datasheet HTML 8Page - International Rectifier IRG4BC20KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRG4BC20KD
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
1.0
2.0
3.0
4.0
5.0
T , Junction Temperature ( C)
J
°

V
= 15V
80 us PULSE WIDTH
GE

I =
A
4.5
C

I =
A
9
C

I =
A
18
C
25
50
75
100
125
150
0
5
10
15
20
T , Case Temperature (
C)
C
°
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
9.0A


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRG4PC40UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.72V @Vge=15V Ic=20A 1  2  3  4  5  More International Rectifier
IRG4BC20KDS INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=2.27V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4BC20FD-S INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4BC20FD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.66V @Vge=15V Ic=9.0A 1  2  3  4  5  More International Rectifier
IRG4PC30UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.95V @Vge=15V Ic=12A 1  2  3  4  5  More International Rectifier
IRG4PC50UD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.65V @Vge=15V Ic=27A 1  2  3  4  5  More International Rectifier
IRG4PSC71KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.83V @Vge=15V Ic=60A 1  2  3  4  5  More International Rectifier
IRG4IBC30KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
IRG4BC10KD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.2.39V @Vge=15V Ic=5.0A 1  2  3  4  5  More International Rectifier
IRG4BC20SD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.4V @Vge=15V Ic=10A 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn