Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC10SD-S Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC10SD-S
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC10SD-S Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC10SD-S Datasheet HTML 1Page - International Rectifier IRG4BC10SD-S Datasheet HTML 2Page - International Rectifier IRG4BC10SD-S Datasheet HTML 3Page - International Rectifier IRG4BC10SD-S Datasheet HTML 4Page - International Rectifier IRG4BC10SD-S Datasheet HTML 5Page - International Rectifier IRG4BC10SD-S Datasheet HTML 6Page - International Rectifier IRG4BC10SD-S Datasheet HTML 7Page - International Rectifier IRG4BC10SD-S Datasheet HTML 8Page - International Rectifier IRG4BC10SD-S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRG4BC10SD-S/L
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
0.5
1.0
1.5
2.0
2.5
3.0
V
, Collector-to-Emitter Voltage (V)
CE

V
= 15V
80µs PULSE WIDTH
GE

T = 25 C
J
°

T = 150 C
J
°
1
10
100
6
8
10
12
V
, Gate-to-Emitter Voltage (V)
GE

V
= 50V
5µs PULSE WIDTH
CC

T = 25 C
J
°

T = 150 C
J
°
5µs PULSE WIDTH
0.1
1
10
100
f , Frequency ( kHz )
0.0
2.0
4.0
6.0
8.0
10.0
Duty cycle : 50%
Tj = 125°C
Tsink = 90°C
Ta = 55°C
Gate drive as specified
Turn-on losses include effects of
reverse recovery
Power Dissipation = 9.2W for Heatsink Mount
Power Dissipation = 1.8W for typical
PCB socket Mount
60% of rated
voltage
Ideal diodes


Similar Part No. - IRG4BC10SD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SD-S IRF-IRG4BC10SD-S Datasheet
217Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10SD-SPBF IRF-IRG4BC10SD-SPBF Datasheet
313Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC10SD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10SD IRF-IRG4RC10SD Datasheet
189Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
IRG4RC10S IRF-IRG4RC10S Datasheet
120Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A)
IRG4BC10S IRF-IRG4BC10S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC15MD IRF-IRG4BC15MD Datasheet
256Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.88V, @Vge=15V, Ic=8.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com