Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH6086BDPK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH6086BDPK
Description  600 V - 45 A - IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH6086BDPK Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH6086BDPK_15 Datasheet HTML 1Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 2Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 3Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 4Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 5Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 6Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 7Page - Renesas Technology Corp RJH6086BDPK_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJH6086BDPK
Preliminary
R07DS0470EJ0100 Rev.1.00
Page 2 of 7
Sep 28, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
10
A
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
3.0
5.5
V
VCE = 10 V, IC = 1 mA
VCE(sat)
2.65
3.5
V
IC = 22 A, VGE = 15 V
Note3
Collector to Emitter saturation voltage
VCE(sat)
3.4
V
IC = 45 A, VGE = 15 V
Note3
Input capacitance
Cies
1420
pF
Output capacitance
Coes
165
pF
Reveres transfer capacitance
Cres
15
pF
VCE = 25 V
VGE = 0
f = 1MHz
td(on)
41
ns
tr
71
ns
td(off)
84
ns
Switching time
tf
36
ns
IC = 30 A
VCC = 300 V, VGE = 15 V
Rg = 5

Inductive Load
Collector to emitter diode forward
voltage
VECF
1.4
1.9
V
IF = 30 A
Note3
Collector to emitter diode reverse
recovery time
trr
100
ns
IF = 30 A
diF/dt = 100 A/
s
Notes: 3. Pulse test


Similar Part No. - RJH6086BDPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH6086BDPK RENESAS-RJH6086BDPK Datasheet
100Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
More results

Similar Description - RJH6086BDPK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F6DPQ-A0 RENESAS-RJH60F6DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
RJH6086BDPK RENESAS-RJH6086BDPK Datasheet
100Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
RJH60F5DPQ-A0 RENESAS-RJH60F5DPQ-A0_15 Datasheet
94Kb / 8P
   600 V - 40 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE_15 Datasheet
87Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F3DPQ-A0 RENESAS-RJH60F3DPQ-A0 Datasheet
94Kb / 8P
   600 V - 20 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE Datasheet
87Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 25 A - IGBT High Speed Power Switching
RJP60F0DPM RENESAS-RJP60F0DPM_15 Datasheet
86Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F4DPQ-A0 RENESAS-RJH60F4DPQ-A0_15 Datasheet
88Kb / 8P
   600 V - 30 A - IGBT High Speed Power Switching
RJH60F7DPQ-A0 RENESAS-RJH60F7DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 50 A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com