Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ44VS Datasheet(PDF) 9 Page - International Rectifier

Part # IRFZ44VS
Description  Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFZ44VS Datasheet HTML 2Page - International Rectifier IRFZ44VS Datasheet HTML 3Page - International Rectifier IRFZ44VS Datasheet HTML 4Page - International Rectifier IRFZ44VS Datasheet HTML 5Page - International Rectifier IRFZ44VS Datasheet HTML 6Page - International Rectifier IRFZ44VS Datasheet HTML 7Page - International Rectifier IRFZ44VS Datasheet HTML 8Page - International Rectifier IRFZ44VS Datasheet HTML 9Page - International Rectifier IRFZ44VS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFZ44VS/IRFZ44VL
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
EXAMPLE:
THIS IS AN IRL3103L
LOT CODE 1789
ASSEMBLY
PART NUMBER
DATE CODE
WEEK 19
LINE C
LOT CODE
YEAR 7 = 1997
ASSEMBLED ON WW 19, 1997
IN THE ASSEMBLY LINE "C"
LOGO
RECTIFIER
INTERNATIONAL


Similar Part No. - IRFZ44VS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VSPBF IRF-IRFZ44VSPBF Datasheet
216Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFZ44VS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44V IRF-IRFZ44V Datasheet
229Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
IRFZ46N IRF-IRFZ46N Datasheet
85Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFP064V IRF-IRFP064V Datasheet
210Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com