Electronic Components Datasheet Search |
|
SP1060S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SP1060S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page FEATURES MECHANICAL DATA UNITS V TYP For capacitive load, derate current by 20%. E NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (I = 10 180 10 10 Amps,T = 25 C, per leg) Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=125 C Typical Junction Capacitance (Note1) 0.30 15 V V A A V mA pF Typical Thermal Resistance (Note 2) 4.0 -50 +150 -65 +175 Operating Storage Temperature Range Temperature Range C C C/W S P1060S 60 60 60 F F Maximum Instantaneous Forward Voltage (I = Amps,T = 125 C, per leg) F F 450 0.60 0.70 ~ ~ SYMBOL o o o RθJA Voltage Rate Of Chance (Rated VR) VRRM VRSM VDC IF IFSM VF IR CJ dv/dt 10000 TJ TSTG V/us NOTES: 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams(Approximately) Any changing of specification will not be informed individual S P1060S VOLTAGE 60V .0AMP Schottky Barrier Rectifiers 10 http://www.SeCoSGmbH.com Elektronische Bauelemente 23-Feb-2010 Rev. B Page 1 of 2 I TO-220A Dimensions in millimeters 2.8 0.3 4.5 0.2 0.5 0.2 2.6 0.2 5.08 0.2 0.7 0.2 . 1.3 0.2 10 0.5 3.2 0.2 0.1 RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free |
Similar Part No. - SP1060S_15 |
|
Similar Description - SP1060S_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |