Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5311DW Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5311DW
Description  Digital Small Signal Transistors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5311DW Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMUN5311DW_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW_15 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 3 of 28
ELECTRICAL CHARACTERISTICS(TA = 25°C unless otherwise noted)(Continued)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
ON CHARACTERISTICS
3
SMUN5311DW
-
-
0.2
SMUN5312DW
-
-
0.2
SMUN5314DW
-
-
0.2
SMUN5315DW
-
-
0.2
SMUN5316DW
-
-
0.2
SMUN5330DW
-
-
0.2
SMUN5331DW
-
-
0.2
SMUN5332DW
-
-
0.2
SMUN5333DW
-
-
0.2
SMUN5334DW
-
-
0.2
SMUN5335DW
-
-
0.2
VCC=5V, VB=2.5V, RL=1 K
Output Voltage(On)
SMUN5313DW
VOL
-
-
0.2
Vdc
VCC=5V, VB=3.5V, RL=1 K
SMUN5311DW
4.9
-
-
SMUN5312DW
4.9
-
-
SMUN5313DW
4.9
-
-
SMUN5314DW
4.9
-
-
SMUN5333DW
4.9
-
-
SMUN5334DW
4.9
-
-
SMUN5335DW
4.9
-
-
VCC=5V, VB=0.5V, RL=1 K
SMUN5330DW
4.9
-
-
VCC=5V, VB=0.05V, RL=1 K
SMUN5315DW
4.9
-
-
SMUN5316DW
4.9
-
-
SMUN5331DW
4.9
-
-
Output Voltage(Off)
SMUN5332DW
VOH
4.9
-
-
Vdc
VCC=5V, VB=0.25V, RL=1 K
SMUN5311DW
7.0
10
13
SMUN5312DW
15.4
22
28.6
SMUN5313DW
32.9
47
61.1
SMUN5314DW
7.0
10
13
SMUN5315DW
7.0
10
13
SMUN5316DW
3.3
4.7
6.1
SMUN5330DW
0.7
1.0
1.3
SMUN5331DW
1.5
2.2
2.9
SMUN5332DW
3.3
4.7
6.1
SMUN5333DW
3.3
4.7
6.1
SMUN5334DW
15.4
22
28.6
Input Resistor
SMUN5335DW
R1
1.54
2.2
2.86
K
SMUN5311DW
0.8
1.0
1.2
SMUN5312DW
0.8
1.0
1.2
SMUN5313DW
0.8
1.0
1.2
SMUN5314DW
0.17
0.21
0.25
SMUN5315DW
-
-
-
SMUN5316DW
-
-
-
SMUN5330DW
0.8
1.0
1.2
SMUN5331DW
0.8
1.0
1.2
SMUN5332DW
0.8
1.0
1.2
SMUN5333DW
0.055
0.1
0.185
SMUN5334DW
0.38
0.47
0.56
Resistor Ratio
SMUN5335DW
R1/R2
0.038
0.047
0.056
Note:
3.
Pulse test: pulse width <300
µS, duty cycle<2.0%


Similar Part No. - SMUN5311DW_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T3G ONSEMI-SMUN5311DW1T3G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - SMUN5311DW_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3011 CENTRAL-2N3011 Datasheet
33Kb / 1P
   Small Signal Transistors
BFR1 CENTRAL-BFR1 Datasheet
33Kb / 1P
   Small Signal Transistors
BUY68 CENTRAL-BUY68 Datasheet
56Kb / 1P
   Small Signal Transistors
2N5785 CENTRAL-2N5785 Datasheet
56Kb / 1P
   Small Signal Transistors
PN5133 CENTRAL-PN5133 Datasheet
56Kb / 1P
   Small Signal Transistors
2N3576 CENTRAL-2N3576 Datasheet
534Kb / 1P
   Small Signal Transistors
2N5183 CENTRAL-2N5183 Datasheet
33Kb / 1P
   Small Signal Transistors
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
   Small Signal Transistors
BFX88 CENTRAL-BFX88 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2309 NJSEMI-2N2309 Datasheet
81Kb / 1P
   Small Signal Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com