Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC32TELL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC32TELL
Description  Quad. 2-input OR Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC32TELL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC32TELL Datasheet HTML 1Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 2Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 3Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 4Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 5Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 6Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 7Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 8Page - Renesas Technology Corp HD74HC32TELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC32
Rev.2.00, Oct 06, 2005 page 3 of 6
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
1.0
10
µA Vin = VCC or GND, Iout = 0 µA
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
100
125
4.5
10
20
25
tPLH
6.0
17
21
ns
2.0
100
125
4.5
10
20
25
Propagation delay
time
tPHL
6.0
17
21
ns
2.0
75
95
4.5
5
15
19
Output rise time
tTLH
6.0
13
16
ns
2.0
75
95
4.5
5
15
19
Output fall time
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC32TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC32TELL RENESAS-HD74HC32TELL Datasheet
91Kb / 7P
   Quad. 2-input OR Gates
More results

Similar Description - HD74HC32TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV32A RENESAS-HD74LV32A Datasheet
67Kb / 9P
   Quad. 2-input OR Gates
logo
Hitachi Semiconductor
HD74HC32 HITACHI-HD74HC32 Datasheet
45Kb / 8P
   Quad. 2-input OR Gates
logo
Renesas Technology Corp
HD74LV32A RENESAS-HD74LV32A_15 Datasheet
91Kb / 11P
   Quad. 2-input OR Gates
RD74LVC32B RENESAS-RD74LVC32B_15 Datasheet
98Kb / 10P
   Quad. 2-input OR Gates
HD74HC32 RENESAS-HD74HC32 Datasheet
91Kb / 7P
   Quad. 2-input OR Gates
logo
Micro Electronics
MMC4071 MICRO-ELECTRONICS-MMC4071 Datasheet
112Kb / 4P
   OR GATES : QUAD 2 INPUT
logo
National Semiconductor ...
5432 NSC-5432 Datasheet
88Kb / 4P
   QUAD 2-INPUT OR GATES
logo
Renesas Technology Corp
RD74LVC32B RENESAS-RD74LVC32B Datasheet
74Kb / 8P
   Quad. 2-input OR Gates
logo
Hitachi Semiconductor
HD74LV32A HITACHI-HD74LV32A Datasheet
51Kb / 13P
   Quad. 2-input OR Gates
logo
National Semiconductor ...
54LS32 NSC-54LS32 Datasheet
120Kb / 6P
   Quad 2-Input OR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com