Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B123001 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B123001
Description  HDMI Signal Booster-Extender Cable, 1920x1200 at 24Hz-1080p (HDMI M-F), 1-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B123001 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B123001 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B123001 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Display Style
Signal Booster
Model Type
HDMI
Cable Types
CAT5/CAT5E
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.30
CONNECTIONS
Connector A
HDMI (MALE)
Connector B
HDMI (FEMALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - B123001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B12300160 TRIPPLITE-B12300160 Datasheet
497Kb / 2P
   HDMI Signal Booster-Extender Cable, 1920x1200 at 60Hz-1080p (HDMI M-F), 1-ft
More results

Similar Description - B123001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B12300160 TRIPPLITE-B12300160 Datasheet
497Kb / 2P
   HDMI Signal Booster-Extender Cable, 1920x1200 at 60Hz-1080p (HDMI M-F), 1-ft
B122000 TRIPPLITE-B122000 Datasheet
501Kb / 2P
   HDMI In-Line Signal Booster-Extender, 1920x1200 at 24Hz-1080p (HDMI F-F)
B123-001 TRIPPLITE-B123-001 Datasheet
165Kb / 3P
   HDMI Signal Booster/Extender Cable (1-ft.), 1920x1200 at 24Hz/1080p (HDMI M/F), Up to 150-ft., TAA
B123-001-60 TRIPPLITE-B123-001-60 Datasheet
165Kb / 3P
   HDMI Signal Booster/Extender Cable (1-ft.), 1920x1200 at 60Hz/1080p (HDMI M/F), Up to 125-ft., TAA
B12200060 TRIPPLITE-B12200060 Datasheet
517Kb / 2P
   HDMI In-Line Signal Booster-Extender, 1920x1200 at 60Hz/1080p (HDMI F-F)
B125150 TRIPPLITE-B125150 Datasheet
498Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver for Video and Audio,1920x1200 1080p at 24Hz (HDMI M-F)
P136000 TRIPPLITE-P136000 Datasheet
469Kb / 2P
   DisplayPort to HDMI Converter, 1920x1200-1080p (M-F) 6-in
P136-000-1 TRIPPLITE-P136-000-1 Datasheet
168Kb / 2P
   DisplayPort to HDMI Converter Video Adapter, 1920x1200/1080p (M/F)
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
B118002 TRIPPLITE-B118002 Datasheet
493Kb / 2P
   2-Port HDMI Splitter for Video with Audio 1920x1200 at 60Hz-1080p (HDMI F-2xF)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com