Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR9120N Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR9120N
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR9120N Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR9120N Datasheet HTML 2Page - International Rectifier IRFR9120N Datasheet HTML 3Page - International Rectifier IRFR9120N Datasheet HTML 4Page - International Rectifier IRFR9120N Datasheet HTML 5Page - International Rectifier IRFR9120N Datasheet HTML 6Page - International Rectifier IRFR9120N Datasheet HTML 7Page - International Rectifier IRFR9120N Datasheet HTML 8Page - International Rectifier IRFR9120N Datasheet HTML 9Page - International Rectifier IRFR9120N Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFR/U9120N
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (BR)DSS
I AS
R G
IAS
0.0 1
tp
D.U.T
L
V DS
VDD
DRIV E R
A
15V
-20V
-
+
VDD
25
50
75
100
125
150
0
50
100
150
200
250
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
-1.7A
-2.5A
-3.9A


Similar Part No. - IRFR9120N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR9120N KERSEMI-IRFR9120N Datasheet
883Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
logo
Kersemi Electronic Co.,...
IRFR9120NPBF KERSEMI-IRFR9120NPBF Datasheet
3Mb / 10P
   HEXFET POWER MOSFET
IRFR9120NPBF KERSEMI-IRFR9120NPBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
logo
International Rectifier
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
263Kb / 11P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRFR9120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com