Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU5505 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFU5505
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU5505 Datasheet(HTML) 3 Page - International Rectifier

  IRFU5505 Datasheet HTML 1Page - International Rectifier IRFU5505 Datasheet HTML 2Page - International Rectifier IRFU5505 Datasheet HTML 3Page - International Rectifier IRFU5505 Datasheet HTML 4Page - International Rectifier IRFU5505 Datasheet HTML 5Page - International Rectifier IRFU5505 Datasheet HTML 6Page - International Rectifier IRFU5505 Datasheet HTML 7Page - International Rectifier IRFU5505 Datasheet HTML 8Page - International Rectifier IRFU5505 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFR/U5505
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-4.5V
-V
, Drain-to-Source Voltage (V)
DS
-4.5V
0.1
1
10
100
4
5
6
7
8
9
10
V
= -25V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-16A
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-4.5V
-V
, Drain-to-Source Voltage (V)
DS
-4.5V


Similar Part No. - IRFU5505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU5505GPBF IRF-IRFU5505GPBF Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRFU5505PBF IRF-IRFU5505PBF Datasheet
1Mb / 10P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFU5505PBF KERSEMI-IRFU5505PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
logo
VBsemi Electronics Co.,...
IRFU5505PBF VBSEMI-IRFU5505PBF Datasheet
974Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - IRFU5505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y5305CM IRF-IRF5Y5305CM Datasheet
108Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-18A*)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com