Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3910 Datasheet(PDF) 10 Page - International Rectifier

Part # IRFR3910
Description  Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3910 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFR3910 Datasheet HTML 2Page - International Rectifier IRFR3910 Datasheet HTML 3Page - International Rectifier IRFR3910 Datasheet HTML 4Page - International Rectifier IRFR3910 Datasheet HTML 5Page - International Rectifier IRFR3910 Datasheet HTML 6Page - International Rectifier IRFR3910 Datasheet HTML 7Page - International Rectifier IRFR3910 Datasheet HTML 8Page - International Rectifier IRFR3910 Datasheet HTML 9Page - International Rectifier IRFR3910 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFR/U3910
10
www.irf.com
Tape & Reel Information
TO-252AA
TR
1 6.3 ( .641 )
1 5.7 ( .619 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12 .1 ( .4 76 )
11 .9 ( .4 69 )
F E E D DIRE CT IO N
F E E D DIRE CT IO N
16.3 ( .641 )
15.7 ( .619 )
TR R
TR L
N O T ES :
1. CO NT RO LL IN G DIM E N S IO N : M ILLIM E T E R.
2. ALL D IM E N S IO N S AR E SH O W N IN M ILL IM ET E R S ( IN C H ES ).
3. O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
NO T E S :
1. O U T LIN E C O N F O R M S T O E IA -481 .
16 m m
13 IN C H
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T 3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: 171 (K&H Bldg.) 30-4 Nishi-ikebukuro 3-chome, Toshima-ku, Tokyo Japan Tel: 81 33 983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 16907 Tel: 65 221 8371
Data and specifications subject to change without notice.
5/98


Similar Part No. - IRFR3910

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3910 KERSEMI-IRFR3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFR3910 ISC-IRFR3910 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
IRFR3910 UMW-IRFR3910 Datasheet
772Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
logo
International Rectifier
IRFR3910PBF IRF-IRFR3910PBF Datasheet
393Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3910PBF KERSEMI-IRFR3910PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
More results

Similar Description - IRFR3910

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com