Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMG3400 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG3400
Description  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG3400 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG3400_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG3400_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG3400_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG3400_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Ω
01-Jun-2002 Rev. A
Page
2 of 4
Source Leakage Current(Tj=25 )
:
Elektronische Bauelemente
SMG3400
5.8A, 30V,RDS(ON) 28m
N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
0.7
-
1.4
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
15
-
S
VDS=5V, ID=5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(Tj=25 : )
-
-
1
uA
VDS=24V, VGS=0
Drain-Source Leakage Current(Tj=55 : )
IDSS
-
-
5
uA
VDS=24V, VGS=0
-
-
28
VGS=10V, ID=5.8A
-
-
33
VGS=4.5V, ID=5.0A
Static Drain-Source On-Resistance
RDS(ON)
-
-
52
m
VGS=2.5V, ID=4.0A
Total Gate Charge2
Qg
-
9.7
12
Gate-Source Charge
Qgs
-
1.6
-
Gate-Drain (“Miller”) Change
Qgd
-
3.1
-
nC
ID=5.8A
VDS=15V
VGS=4.5V
Turn-on Delay Time2
Td(on)
-
3.3
-
Rise Time
Tr
-
4.8
-
Turn-off Delay Time
Td(off)
-
26.3
-
Fall Time
Tf
-
4.1
-
ns
VDS=15V
VGS=10V
RG=3
RL=2.7
Input Capacitance
Ciss
-
823
1030
Output Capacitance
Coss
-
99
-
Reverse Transfer Capacitance
Crss
-
77
-
pF
VGS=0V
VDS=15V
f=1.0MHz
Gate Resistance
Rg
-
1.2
3.6
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.0
V
IS=1.0A, VGS=0V
Reverse Recovery Time2
Trr
-
16
-
ns
Reverse Recovery Charge
Qrr
-
8.9
-
nC
IS=5A, VGS=0V
dI/dt=100A/ s
Continuous Source Current (Body Diode)
IS
-
-
2.5
A
VD=VG=0V, VS=1.0V
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 270 /W when mounted on Min. copper pad.
:


Similar Part No. - SMG3400_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG3400 SECOS-SMG3400 Datasheet
417Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
SMG3400 VBSEMI-SMG3400 Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SMG3400_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com